Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DSRX Datasheet(PDF) 4 Page - STMicroelectronics

Part # LSM6DSRX
Description  iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRX Datasheet(HTML) 4 Page - STMicroelectronics

  LSM6DSRX Datasheet HTML 1Page - STMicroelectronics LSM6DSRX Datasheet HTML 2Page - STMicroelectronics LSM6DSRX Datasheet HTML 3Page - STMicroelectronics LSM6DSRX Datasheet HTML 4Page - STMicroelectronics LSM6DSRX Datasheet HTML 5Page - STMicroelectronics LSM6DSRX Datasheet HTML 6Page - STMicroelectronics LSM6DSRX Datasheet HTML 7Page - STMicroelectronics LSM6DSRX Datasheet HTML 8Page - STMicroelectronics LSM6DSRX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 171 page
background image
2
Embedded low-power features
The LSM6DSRX has been designed to be fully compliant with Android, featuring the following on-chip functions:
•
9 kbytes data buffering, data can be compressed two or three times
–
100% efficiency with flexible configurations and partitioning
–
Possibility to store timestamp
•
Event-detection interrupts (fully configurable):
–
Free-fall
–
Wakeup
–
6D orientation
–
Click and double-click sensing
–
Activity/inactivity recognition
–
Stationary/Motion detection
•
Specific IP blocks with negligible power consumption and high-performance:
–
Pedometer functions: step detector and step counters
–
Tilt
–
Significant Motion Detection
–
Finite State Machine (FSM) for accelerometer, gyroscope, and external sensors
–
Machine Learning Core (MLC)
•
Sensor hub
–
Up to 6 total sensors: 2 internal (accelerometer and gyroscope) and 4 external sensors
•
S4S data rate synchronization with external trigger for reduced sensor access and enhanced fusion
2.1
Tilt detection
The tilt function helps to detect activity change and has been implemented in hardware using only the
accelerometer to achieve targets of both ultra-low power consumption and robustness during the short duration of
dynamic accelerations.
The tilt function is based on a trigger of an event each time the device's tilt changes and can be used with
different scenarios, for example:
•
Triggers when phone is in a front pants pocket and the user goes from sitting to standing or standing to
sitting;
•
Doesn’t trigger when phone is in a front pants pocket and the user is walking, running or going up stairs.
2.2
Significant Motion Detection
The Significant Motion Detection (SMD) function generates an interrupt when a ‘significant motion’, that could be
due to a change in user location, is detected. In the LSM6DSRX device this function has been implemented in
hardware using only the accelerometer.
SMD functionality can be used in location-based applications in order to receive a notification indicating when the
user is changing location.
LSM6DSRX
Embedded low-power features
DS13007 - Rev 3
page 4/171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com