Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DSRX Datasheet(PDF) 9 Page - STMicroelectronics

Part # LSM6DSRX
Description  iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRX Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LSM6DSRX Datasheet HTML 5Page - STMicroelectronics LSM6DSRX Datasheet HTML 6Page - STMicroelectronics LSM6DSRX Datasheet HTML 7Page - STMicroelectronics LSM6DSRX Datasheet HTML 8Page - STMicroelectronics LSM6DSRX Datasheet HTML 9Page - STMicroelectronics LSM6DSRX Datasheet HTML 10Page - STMicroelectronics LSM6DSRX Datasheet HTML 11Page - STMicroelectronics LSM6DSRX Datasheet HTML 12Page - STMicroelectronics LSM6DSRX Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 171 page
background image
Table 1. Pin description
Pin #
Name
Mode 1 function
Mode 2 function
Mode 3/4 function
1
SDO/SA0
SPI 4-wire interface serial data
output (SDO)
I²C least significant bit of the device
address (SA0)
SPI 4-wire interface serial data
output (SDO)
I²C least significant bit of the device
address (SA0)
SPI 4-wire interface serial data
output (SDO)
I²C least significant bit of the device
address (SA0)
2
SDx
Connect to Vdd_IO or GND
I²C serial data master (MSDA)
Auxiliary SPI 3/4-wire interface serial
data input (SDI) and SPI 3-wire serial
data output (SDO)
3
SCx
Connect to Vdd_IO or GND
I²C serial clock master (MSCL)
Auxiliary SPI 3/4-wire interface serial
port clock (SPC_Aux)
4
INT1
Programmable interrupt in I²C and SPI
5
Vdd_IO(1)
Power supply for I/O pins
6
GND
0 V supply
7
GND
0 V supply
8
Vdd(1)
Power supply
9
INT2
Programmable interrupt 2 (INT2) /
Data enabled (DEN)
Programmable interrupt 2 (INT2) /
Data enabled (DEN) / I²C master
external synchronization signal
(MDRDY)
Programmable interrupt 2 (INT2) /
Data enabled (DEN)
10
OCS_Aux
Leave unconnected(2)
Leave unconnected(2)
Auxiliary SPI 3/4-wire interface
enable
11
SDO_Aux
Connect to Vdd_IO or leave
unconnected(2)
Connect to Vdd_IO or leave
unconnected(2)
Auxiliary SPI 3-wire interface: leave
unconnected(2)
Auxiliary SPI 4-wire interface: serial
data output (SDO_Aux)
12
CS
I²C and MIPI I3CSM/SPI mode
selection (1: SPI idle mode / I²C and
MIPI I3CSM communication enabled;
0: SPI communication mode / I²C and
MIPI I3CSM disabled)
I²C and MIPI I3CSM/SPI mode
selection (1: SPI idle mode / I²C and
MIPI I3CSM communication enabled;
0: SPI communication mode / I²C and
MIPI I3CSM disabled)
I²C and MIPI I3CSM/SPI mode
selection (1: SPI idle mode / I²C and
MIPI I3CSM communication enabled;
0: SPI communication mode / I²C and
MIPI I3CSM disabled)
13
SCL
I²C/MIPI I3CSMserial clock (SCL) /
SPI serial port clock (SPC)
I²C/MIPI I3CSMserial clock (SCL) /
SPI serial port clock (SPC)
I²C/MIPI I3CSMserial clock (SCL) /
SPI serial port clock (SPC)
14
SDA
I²C/MIPI I3CSM serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output
(SDO)
I²C/MIPI I3CSM serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output
(SDO)
I²C/MIPI I3CSM serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output
(SDO)
1. Recommended 100 nF filter capacitor.
2. Leave pin electrically unconnected and soldered to PCB.
LSM6DSRX
Pin connections
DS13007 - Rev 3
page 9/171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com