Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A7987 Datasheet(PDF) 6 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 2Page - STMicroelectronics A7987 Datasheet HTML 3Page - STMicroelectronics A7987 Datasheet HTML 4Page - STMicroelectronics A7987 Datasheet HTML 5Page - STMicroelectronics A7987 Datasheet HTML 6Page - STMicroelectronics A7987 Datasheet HTML 7Page - STMicroelectronics A7987 Datasheet HTML 8Page - STMicroelectronics A7987 Datasheet HTML 9Page - STMicroelectronics A7987 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
4
Electrical characteristics
TJ = -40 °C to +125 °C, VIN = VCC = 24 V and VEN =3 V unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VIN
Operating input voltage range
4.5
61
V
RDSON HS
High- side RDS(on)
ISW=0.5 A; Tj = 25 °C
0.25
0.32
Ω
ISW=0.5 A
0.25
0.46
Ω
fSW
Switching frequency
FSW floating; Tj = 25 °C
233
250
267
kHz
FSW floating
225
250
275
kHz
Selected switching frequency
RFSW=10 kΩ
1350 1500 1650 kHz
IPK
Peak current limit
RLIM 20 kΩ; VFB = 0.6 V; TJ = 125 °C
(1)
3.2
3.7
4.4
A
RLIM 100 kΩ; VFB = 0.6 V
(1)
0.69
0.84
1.0
A
Ratio IPK_20k/IPK_100k
(2)
4.7
ISKIP
Pulse skipping peak current
(2)
0.5
A
VFOLD
Feedback fold-back level
(2)
400
mV
TONMAX
Maximum on-time
12
µs
TONMIN
Minimum on-time
120
150
ns
TOFFMIN
Minimum off-time
(2)
360
ns
VCC / VBIAS
VCCH
VCC UVLO rising threshold
3.85
4.10
4.30
V
VCCHYST
VCC UVLO hysteresis
150
250
380
mV
SWO
VBIAS threshold
Switch internal supply from VCC to VBIAS. VBIAS
ramping up from 0 V
2.84
2.90
3.03
V
Hysteresis
80
mV
VCC -VBIAS threshold
Switch internal supply from VCC to VBIAS. VIN=VCC=24
V, VBIAS falling from 24 V to GND
3.35
4.05
4.90
V
Hysteresis
900
mV
Power consumption
ISHTDWN
Shutdown current from VIN
VEN = GND; TJ = 25 °C
11
16
µA
VEN = GND
23
45
IQUIESC
Quiescent current from VIN and VCC
LX floating, VFB=1 V, VBIAS=GND, FSW floating
2.5
3.0
mA
IQOPVIN
Quiescent current from VIN and VCC
LX floating, VFB=1 V, VBIAS=3.3 V, FSW floating
1.0
1.3
mA
IQOPVBIAS
Quiescent current from VBIAS
1.6
2.2
mA
Enable
VEN
Device OFF level
0.06
0.30
V
Device ON level
0.35
0.90
V
Soft-start
A7987
Electrical characteristics
DS12928 - Rev 3
page 6/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com