Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A7987 Datasheet(PDF) 18 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 14Page - STMicroelectronics A7987 Datasheet HTML 15Page - STMicroelectronics A7987 Datasheet HTML 16Page - STMicroelectronics A7987 Datasheet HTML 17Page - STMicroelectronics A7987 Datasheet HTML 18Page - STMicroelectronics A7987 Datasheet HTML 19Page - STMicroelectronics A7987 Datasheet HTML 20Page - STMicroelectronics A7987 Datasheet HTML 21Page - STMicroelectronics A7987 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
As noted in Section 6.2 Output capacitor selection, two different kinds of network can compensate the loop,
depending on the value of fzESR, lower or higher than the regulator required bandwidth.
In the following two paragraphs the guidelines to select the type II and type III compensation network are
illustrated.
6.4.1
Type II compensation network
If the equivalent series resistance (RES) of the output capacitor introduces a zero with a frequency lower than the
desired bandwidth (that is: 2π
∗RES∗CO>1/BW), this zero helps stabilize the loop. Electrolytic capacitors show
non-negligible ESR (>30 mΩ typically), so with this kind of output capacitor the type II network combined with the
zero of the ESR allows the loop to be stabilized.
Figure 11. Type II compensation network
The type II compensation network transfer function, from VOUT to COMP, is computed in the equation below:
GCOMPII(s)=−ZF(s)RU=− 1RU⋅ 1+sCFRF
s⋅(CF+CP)⋅(1+sCF//CPRF
=−1⋅ 1+ s2π⋅fZ1
s2π⋅fP0⋅1+ s2π⋅fP1
(20)
fZ1= 12π⋅CFRF;fP0= 1
2π⋅(CF+CP)⋅RU;fP1= 1
2π⋅CF//CPRF
(21)
The following suggestions can be followed for a quite common compensation strategy, assuming that CP<<CF.
Starting from Eq. (19) in case of a type II compensation network and electrolytic output capacitors, the
control loop gain module at s=2π*FBW allows RF/RU ratio to be fixed:
GLOOP,II(s=2π⋅fBW) ≅ 1kFF⋅ fLC2fzESR⋅RFRU⋅ 1fBW=1
(22)
After choosing the regulator bandwidth (typically FBW<0.2*FSW ) and a value for RU, usually between 1 kΩ and 50
kΩ, in order to achieve CF and CP not comparable with a parasitic capacitance of the board, the RF required value
is computed by Eq. (22).
Select CF in order to place FZ1 below FLC (typically 0.1*FLC)
Select CP in order to place FP1 at 0.5*FSW
CF= 1
2π⋅RF⋅0.1⋅fLC;CP= 1
2π⋅RF⋅0.5⋅fSW
(23)
The resultant control loop and other transfer functions gain are shown in Figure 12. Type II compensation - Bode
plot
A7987
Compensation network
DS12928 - Rev 3
page 18/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com