Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A7987 Datasheet(PDF) 10 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 6Page - STMicroelectronics A7987 Datasheet HTML 7Page - STMicroelectronics A7987 Datasheet HTML 8Page - STMicroelectronics A7987 Datasheet HTML 9Page - STMicroelectronics A7987 Datasheet HTML 10Page - STMicroelectronics A7987 Datasheet HTML 11Page - STMicroelectronics A7987 Datasheet HTML 12Page - STMicroelectronics A7987 Datasheet HTML 13Page - STMicroelectronics A7987 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Figure 6. Feed-forward
5.2
Soft-start
The soft-start is essential to ensure a correct and safe start-up of the step-down converter. It avoids inrush current
surge and makes the output voltage increase monotonically. The soft-start is performed by charging an external
capacitor, connected between SS pin and ground, with a constant current (5 µA typ.). The SS voltage is used as
reference of the switching regulator and the output voltage of the converter tracks the ramp of the SS voltage.
When the SS pin voltage reaches 0.8 V level, the error amplifier switches to the internal 0.8 V ±1% reference to
regulate the output voltage.
A7987
Soft-start
DS12928 - Rev 3
page 10/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com