Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC68SS014FF Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # BC68SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC68SS014FF Datasheet(HTML) 4 Page - Bel Fuse Inc.

  BC68SS014FF Datasheet HTML 1Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 2Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 3Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 4Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 5Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 6Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 7Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 8Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
*Consult factory for availability of additional colors, lengths and shielded cables.
B = Cable Assembly Family
E = Blue
G = Grey
F
BC
1U
1U = Cat 6a U/UTP
1S = Cat 6a S/STP
Rating
Part Number
Color
E
F = Feet
UOM
XXX
Length
001F = 1ft
002F = 2ft
003F = 3ft
005F = 5ft
006F = 6ft
007F = 7ft
010F = 10ft 014F = 14ft 015F = 15ft
020F = 20ft 025F = 25ft
Cable Catalog
Description
Bel’s Cat 6a patch cords support voice communications and the transmission of 1G, 2.5G
and 5G data speeds and 10G. Both shielded and unshielded options are available. Channel
compliant patch cords feature UL rated CM jacket material in multiple lengths and colors,
along with color-matching slim line snagless strain relief boots.
Cat 6a UTP and STP Channel Compliant Patch Cords
Bel Part Number
Rating
Shielded
Color
Lengths Available
AWG Size
ft
m
BC-1UG001F
Cat 6a
No
Grey
1ft
0.30m
24 AWG
BC-1UG002F
Cat 6a
No
Grey
2ft
0.60m
24 AWG
BC-1UG003F
Cat 6a
No
Grey
3ft
0.91m
24 AWG
BC-1UG005F
Cat 6a
No
Grey
5ft
1.52m
24 AWG
BC-1UG006F
Cat 6a
No
Grey
6ft
1.82m
24 AWG
BC-1UG007F
Cat 6a
No
Grey
7ft
2.13m
24 AWG
BC-1UG010F
Cat 6a
No
Grey
10ft
3.04m
24 AWG
BC-1UG015F
Cat 6a
No
Grey
15ft
4.57m
24 AWG
BC-1UG020F
Cat 6a
No
Grey
20ft
6.09m
24 AWG
BC-1UG025F
Cat 6a
No
Grey
25ft
7.62m
24 AWG
BC-1UE001F
Cat 6a
No
Blue
1ft
0.30m
24 AWG
BC-1UE002F
Cat 6a
No
Blue
2ft
0.60m
24 AWG
BC-1UE003F
Cat 6a
No
Blue
3ft
0.91m
24 AWG
BC-1UE005F
Cat 6a
No
Blue
5ft
1.52m
24 AWG
BC-1UE006F
Cat 6a
No
Blue
6ft
1.82m
24 AWG
BC-1UE007F
Cat 6a
No
Blue
7ft
2.13m
24 AWG
BC-1UE010F
Cat 6a
No
Blue
10ft
3.04m
24 AWG
BC-1UE015F
Cat 6a
No
Blue
15ft
4.57m
24 AWG
BC-1UE020F
Cat 6a
No
Blue
20ft
6.09m
24 AWG
BC-1UE025F
Cat 6a
No
Blue
25ft
7.62m
24 AWG
BC-1SE001F
Cat 6a
Yes
Blue
1ft
0.30m
24 AWG
BC-1SE003F
Cat 6a
Yes
Blue
3ft
0.91m
24 AWG
BC-1SE005F
Cat 6a
Yes
Blue
5ft
1.52m
24 AWG
BC-1SE007F
Cat 6a
Yes
Blue
7ft
2.13m
24 AWG
BC-1SE010F
Cat 6a
Yes
Blue
10ft
3.04m
24 AWG
BC-1SE014F
Cat 6a
Yes
Blue
14ft
4.26m
24 AWG
BC-1SE025F
Cat 6a
Yes
Blue
25ft
7.62m
24 AWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com