Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC68SS014FF Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # BC68SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC68SS014FF Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button BC68SS014FF Datasheet HTML 6Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 7Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 8Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 9Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 10Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 11Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 12Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 13Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 14Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
USB Cable Assemblies
Cable Catalog
Description
Bel offers a wide range of USB cable assemblies featuring multiple end configurations for USB 2.0, 3.0 and 3.1. Bel’s
USB cable assemblies are compliant with USB 2.0, 3.0 and 3. standards. USB 2.0 delivers up to 480 Mbps transfer
speeds, USB 3.0 delivers up to 5 Gbps and USB 3.1 can deliver up to 10 Gbps transfer speeds. All the available cable
assembly options are equipped with an over molded design to increase strain relief, along with full shielding to allow
power to be supplied over a communication signal. Bel’s USB cable assemblies feature plug and play capability that
allows for hot pluggable insertion and ejection.
USB Type A to Type A
Bel Part Number Performance Connector End A Connector End B
Lengths Available (XXX)
Shielded Color
SC-2AAEXXXF
USB 2.0
A Male 
A Male
003 = 3ft
(XXX)
006 = 6ft
(XXX)
Yes
Beige
SC-3AAKXXXF
USB 3.0
A Male
A Male
003 = 3ft
(XXX)
006 = 6ft
(XXX)
010 = 10ft
(XXX)
Yes
Black
USB Type A to Type B
Bel Part Number Performance Connector End A Connector End B
Lengths Available (XXX)
Shielded Color
SC-2ABEXXXF
USB 2.0
A Male 
B Male
003 = 3ft
(XXX)
006 = 6ft
(XXX)
Yes
Beige
SC-3ABKXXXF
USB 3.0
A Male
B Male
001 = 1ft
(XXX)
003 = 3ft
(XXX)
006 = 6ft
(XXX)
Yes
Black
Connector End A Options
Connector End B Options
ss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com