Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC68SS014FF Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # BC68SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC68SS014FF Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button BC68SS014FF Datasheet HTML 5Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 6Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 7Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 8Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 9Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 10Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 11Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 12Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 13Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
Cat 6 and Cat 6a Plenum Patch Cords
Description
Bel’s Plenum patch cords are ideal for Ethernet network connections that require patch cords to run through plenum
space above dropped ceilings or under raised floors. The Plenum jacketing on these patch cords is coated with flame
retardant. Bel’s Plenum patch cords are also built using special plastics that resist sweltering and the spreading of
toxic fumes in the case of a fire. Plenum rated patch cords should be used in any plenum space for these reasons.
These Plenum patch cords have standard RJ45 plugs on each end, equipped with snag-less boots to protect the
RJ45 clip during pulls through tight locations. Bel’s Plenum patch cords are available in both Cat 6 and Cat 6a
performance levels.
Bel Part Number
Performance
Lengths Available
Color
Cable Jacket Type
AWG Size
ft
m
BM-P6SK003F
Cat 6
3ft
0.91m
Black
Plenum
26 AWG
BM-P6SK007F
Cat 6
7ft
2.13m
Black
Plenum
26 AWG
BM-P6SK015F
Cat 6
15ft
4.57m
Black
Plenum
26 AWG
BM-P6SK030F
Cat 6
30ft
9.14m
Black
Plenum
26 AWG
BM-P1SK003F
Cat 6a
3ft
0.91m
Black
Plenum
26 AWG
BM-P1SK007F
Cat 6a
7ft
2.13m
Black
Plenum
26 AWG
BM-P1SK0015F
Cat 6a
15ft
4.57m
Black
Plenum
26 AWG
BM-P1SK030F
Cat 6a
30ft
9.14m
Black
Plenum
26 AWG
BM = Cable Assembly Family
F
XXX
B M
P
P = Plenum
Cable Type
Part Number
Length
F = Feet
UOM
003F = 3ft 007F = 7ft 015F = 15ft 030F = 30ft
6
6 = Cat 6
1 = Cat 6a
Performance
S
S = F/UTP
Cable Shield
K
K = Black
Color
Cable Catalog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com