Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1152 Datasheet(PDF) 1 Page - ams AG

Part # AS1152
Description  Quad LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1152 Datasheet(HTML) 1 Page - ams AG

  AS1152 Datasheet HTML 1Page - ams AG AS1152 Datasheet HTML 2Page - ams AG AS1152 Datasheet HTML 3Page - ams AG AS1152 Datasheet HTML 4Page - ams AG AS1152 Datasheet HTML 5Page - ams AG AS1152 Datasheet HTML 6Page - ams AG AS1152 Datasheet HTML 7Page - ams AG AS1152 Datasheet HTML 8Page - ams AG AS1152 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AS1152
Quad LV DS Driver
austriamicrosystems
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.00
1 - 15
1 General Description
The AS1152 is a Quad Flow-Through LVDS (Low-Volt-
age Differential Signaling) Line Driver which accepts
and converts LVTTL/LVCMOS input levels into LVDS
output signals. The device is perfect for low-power low-
noise applications requiring high signaling rates and
reduced EMI emissions.
The device is guaranteed to transmit data at speeds up
to 500Mbps (250MHz) over controlled impedance media
of approximately 100
Ω. Supported transmission media
are PCB traces, backplanes, and cables.
The AS1152 is capable of setting all four outputs to a
high-impedance state through two Enable Inputs (EN
and ENn – internally pulled down to GND), dropping the
device to an ultra-low-power state of 16mW (typical) dur-
ing high impedance. The Enable Inputs are common to
all four drivers.
Outputs conform to the ANSI TIA/EIA-644 LVDS stan-
dards. Flow-through pinout simplifies PC board layout
and reduces crosstalk by separating the LVTTL/LVC-
MOS inputs and LVDS outputs.
The AS1152 operates from a single +3.3V supply and is
specified for operation from -40 to +85°C.
Figure 1. Block Diagram
2 Key Features
!
Flow-Through Pinout
!
Guaranteed 500Mbps Data Rate (paired with
AS1150)
!
350ps Pulse Skew (Max)
!
Conforms to ANSI TIA/EIA-644 LVDS Standards
!
Single +3.3V Supply
!
Operating Temperature Range: -40 to +85°C
!
16-Pin TSSOP Package
3 Applications
Digital Copiers, Laser Printers, Cellular Phone Base Sta-
tions, Add/Drop Muxes, Digital Cross-Connects,
DSLAMs, Network Switches/Routers, Backplane Inter-
connect, Clock Distribution Computers, Intelligent Instru-
ments, Controllers, Critical Microprocessors and
Microcontrollers, Power Monitoring, and Portable/Bat-
tery-Powered Equipment.
IN1
IN2
IN3
IN4
AS1152
OUT1+
OUT1-
OUT2+
OUT2-
OUT3+
OUT3-
OUT4+
OUT4-
ENn
EN
VCC


Similar Part No. - AS1152

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS115-61 SKYWORKS-AS115-61 Datasheet
429Kb / 2P
GaAs IC SP4T Non-Reflective Switch DC-2 GHz
AS115-61 SKYWORKS-AS115-61 Datasheet
114Kb / 4P
GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
AS115-61 SKYWORKS-AS115-61_05 Datasheet
114Kb / 4P
GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
Quad LVDS Receivers
AS1150-T AMSCO-AS1150-T Datasheet
160Kb / 15P
Quad LVDS Receivers
More results

Similar Description - AS1152

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
logo
Maxim Integrated Produc...
MAX9124 MAXIM-MAX9124 Datasheet
196Kb / 9P
Quad LVDS Line Driver
Rev 0; 4/01
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
Rad-hard quad LVDS driver
21-Oct-2015
RHFLVDS31A STMICROELECTRONICS-RHFLVDS31A Datasheet
385Kb / 15P
Rad-hard quad LVDS driver
28-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com