Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1152 Datasheet(PDF) 5 Page - ams AG

Part # AS1152
Description  Quad LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1152 Datasheet(HTML) 5 Page - ams AG

  AS1152 Datasheet HTML 1Page - ams AG AS1152 Datasheet HTML 2Page - ams AG AS1152 Datasheet HTML 3Page - ams AG AS1152 Datasheet HTML 4Page - ams AG AS1152 Datasheet HTML 5Page - ams AG AS1152 Datasheet HTML 6Page - ams AG AS1152 Datasheet HTML 7Page - ams AG AS1152 Datasheet HTML 8Page - ams AG AS1152 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
5 - 15
AS1152
austriamicrosystems
Data Sheet
Switching Characteristics
6 Typical Operating Characteristics
VCC = +3.3V, VCM = +1.2V, |VID| = 0.2V, CLOAD = 15pF, Tamb = +25ºC, unless otherwise noted
Figure 2. Output High Voltage vs. VCC
Figure 3. Output Low Voltage vs. VCC
Figure 4. Output Short-Circuit Current vs. VCC;
Figure 5. Output High-Impedance State Current vs.
VIN = VCC or GND
VCC; VIN = VCC or GND
Figure 6. Differential Output Voltage vs. VCC
Figure 7. Differential Output Voltage vs. Load
Resistor
1.4
1.402
1.404
1.406
1.408
1.41
3
3.1
3.2
3.3
3.4
3.5
3.6
Power-Supply Voltage (V)
VOUT-
VOUT+
1.06
1.065
1.07
1.075
1.08
3
3.1
3.2
3.3
3.4
3.5
3.6
Power-Supply Voltage (V)
VOUT-
VOUT+
3.500
3.525
3.550
3.575
3.600
3.625
3.650
3.675
3.700
3
3.1
3.2
3.3
3.4
3.5
3.6
Power-Supply Voltage (V)
24
25
26
27
28
29
30
3
3.1
3.2
3.3
3.4
3.5
3.6
Power-Supply Voltage (V)
320
325
330
335
340
345
350
3
3.1
3.2
3.3
3.4
3.5
3.6
Power-Supply Voltage (V)
250
300
350
400
450
500
90
100
110
120
130
140
150
Load Resistor (Ohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com