Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1152 Datasheet(PDF) 3 Page - ams AG

Part # AS1152
Description  Quad LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1152 Datasheet(HTML) 3 Page - ams AG

  AS1152 Datasheet HTML 1Page - ams AG AS1152 Datasheet HTML 2Page - ams AG AS1152 Datasheet HTML 3Page - ams AG AS1152 Datasheet HTML 4Page - ams AG AS1152 Datasheet HTML 5Page - ams AG AS1152 Datasheet HTML 6Page - ams AG AS1152 Datasheet HTML 7Page - ams AG AS1152 Datasheet HTML 8Page - ams AG AS1152 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
3 - 15
AS1152
austriamicrosystems
Data Sheet
DC Electrical Characteristics
5 Electrical Characteristics
DC Electrical Characteristics
(VCC = +3.0 to +3.6V, TA = -40 to +85°C , RL = 100Ω, f
150Mhz
Typical values are at VCC = +3.3V, TA = +25°C, Unless Otherwise Noted.)1, 2
Notes:
1. Maximum and minimum limits over temperature are guaranteed by design and characterization. Devices are
100% tested at TA = +25°C.
2. Currents into the device are positive, and current out of the device is negative. All voltages are referenced to
ground except VOD.
3. Guaranteed by correlation data.
Table 2. DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
LVDS Output (OUtx+, OUTx-)
Differential Output Voltage
VOD
Figure 20 on page 12
250
370
450
mV
Change in Magnitude of VOD
Between Complementary Output
States
VOD
Figure 20 on page 12
1
35
mV
Offset Voltage
VOS
Figure 20 on page 12
1.125
1.25
1.375
V
Change in Magnitude of VOS
Between Complementary Output
States
VOS
Figure 20 on page 12
4
25
mV
Output High Voltage
VOH
1.6
V
Output Low Voltage
VOL
0.90
V
Differential Output Short-Circuit
Current 3
IOSD
Enabled, VOD = 0
-9
mA
Output Short-Circuit Current
IOS
OUTx+ = 0 at INx = VCC or OUTx- = 0
at INx = 0, enabled
-3.8
-9
mA
Output High-Impedance
Current
IOZ
EN = low and ENn = high, OUTx+ = 0
or VCC, OUTx- = 0 or VCC, RL =
-10
10
µA
Power-Off Output Current
IOFF
VCC = 0 or open, OUTx+ = 0 or 3.6V,
OUTx- = 0 or 3.6V, RL =
-20
20
µA
Inputs (INx, EN, ENn)
High-Level Input Voltage
VIH
2.0
VCC
V
Low-Level Input Voltage
VIL
GND
0.8
V
Input Current
IIN
INx, EN, ENn = 0 or VCC
-20
20
µA
Supply Current
No-Load Supply Current
ICC
RL =
, INx = VCC or 0 for all
channels
4
6
mA
Loaded Supply Current
ICCL
RL = 100
Ω, INx = VCC or 0 for all
channels
18
25
mA
Disabled Supply Current
ICCZ
Disabled, INx = VCC or 0 for all
channels, EN = 0, ENn = VCC
3.5
5.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com