Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T48C862M-R3-TNQ Datasheet(PDF) 95 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 91Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 92Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 93Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 94Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 95Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 96Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 97Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 98Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 107 page
background image
95
T48C862-R3
4554A–4BMCU–02/03
Note:
Stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at any condition above those indicated in the operational section of this
specification is not implied. Exposure to absolute maximum rating condition for an extended period may affect device reliability.
All inputs and outputs are protected against high electrostatic voltages or electric fields. However, precautions to minimize the
build-up of electrostatic charges during handling are recommended. Reliability of operation is enhanced if unused inputs are
connected to an appropriate logic voltage level (e.g., V
DD).
Absolute Maximum Ratings
Voltages are given relative to VSS
Parameters
Symbol
Value
Unit
Supply voltage
V
DD
-0.3 to + 6.5
V
Input voltage (on any pin)
V
IN
V
SS -0.3 £ VIN £ VDD +0.3
V
Output short circuit duration
t
short
Indefinite
s
Operating temperature range
T
amb
-40 to +125
°C
Storage temperature range
T
stg
-40 to +150
°C
Soldering temperature (t
£ 10 s)
T
sld
260
°C
Thermal Resistance
Parameter
Symbol
Value
Unit
Thermal resistance (SSO20)
R
thJA
140
K/W
DC Operating Characteristics
V
SS = 0 V, Tamb = -40°C to +125°C unless otherwise specified.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Power Supply
2.0
4.0
V
Operating voltage at VDD
VDD
VPOR
V
Active current
CPU active
fSYSCL = 1 MHz
V
DD = 1.8 V
V
DD = 3.0 V
I
DD
0.3
0.4
0.4
mA
mA
Power down current
(CPU sleep,
RC oscillator active,
4-MHz quartz oscillator active)
f
SYSCL = 1 MHz
VDD = 1.8 V
V
DD = 3.0 V
IPD
40
70
150
µA
µA
Sleep current
(CPU sleep,
32-kHz quartz oscillator active
4-MHz quartz oscillator inactive)
V
DD = 1.8 V
VDD = 3.0 V
V
DD = 3.0 V at 85°C
I
Sleep
0.4
0.6
4.3
1.5
µA
µA
µA
Sleep current
(CPU sleep,
32-kHz quartz oscillator inactive
4-MHz quartz oscillator inactive)
V
DD = 3.0 V
VDD = 3.0 V at 85°C
I
Sleep
0.3
3.5
1.0
µA
µA
Pin capacitance
Any pin to V
SS
C
L
710
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com