Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T48C862M-R3-TNQ Datasheet(PDF) 33 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 29Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 30Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 31Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 32Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 33Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 34Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 35Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 36Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 107 page
background image
33
T48C862-R3
4554A–4BMCU–02/03
Bi-directional Ports
With the exception of Port 1 and Port 6, all other ports (2, 4 and 5) are 4 bits wide. Port 1
and Port 6 have a data width of 2 bits (bit 0 and bit 3). All ports may be used for data
input or output. All ports are equipped with Schmitt trigger inputs and a variety of mask
options for open-drain, open-source, full-complementary outputs, pull-up and pull-down
transistors. All Port Data Registers (PxDAT) are I/O mapped to the primary address reg-
ister of the respective port address and the Port Control Register (PxCR), to the
corresponding auxiliary register.
There are five different directional ports available:
Port 1
2-bit wide bi-directional port with automatic full bus width direction switching.
Port 2
4-bit wide bitwise-programmable I/O port.
Port 5
4-bit wide bitwise-programmable bi-directional port with optional strong
pull-ups and programmable interrupt logic.
Port 4
4-bit wide bitwise-programmable bi-directional port also provides the I/O
interface to Timer 2, SSI, voltage monitor input and external interrupt input.
Port 6
2-bit wide bitwise-programmable bi-directional port also provides the I/O
interface to Timer 3 and external interrupt input.
Bi-directional Port 1
In Port 1 the data direction register is not independently software programmable, the
direction of the complete port being switched automatically when an I/O instruction
occurs (see Figure 28). The port is switched to output mode via an OUT instruction and
to input via an IN instruction. The data written to a port will be stored into the output data
latches and appears immediately at the port pin following the OUT instruction. After
RESET all output latches are set to "1" and the port is switched to input mode. An IN
instruction reads the condition of the associated pins.
Note:
Care must be taken when switching the bi-directional port from output to input. The
capacitive pin loading at this port in conjunction with the high resistance pull-ups may
cause the CPU to read the contents of the output data register rather than the external
input state. To avoid this, one of the following programming techniques should be used:
Use two IN-instructions and DROP the first data nibble. The first IN switches the port
from output to input and the DROP removes the first invalid nibble. The second IN reads
the valid pin state.
Use an OUT-instruction followed by an IN-instruction. Via the OUT-instruction, the capac-
itive load is charged or discharged depending on the optional pull-up/pull-down
configuration. Write a "1" for pins with pull-up resistors and a "0" for pins with pull-down
resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com