Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T48C862M-R3-TNQ Datasheet(PDF) 54 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 50Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 51Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 52Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 53Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 54Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 55Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 56Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 57Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 107 page
background image
54
T48C862-R3
4554A–4BMCU–02/03
Timer 2 COmpare Register 2
(T2CO2) Byte Write
Address: "7"hex - Subaddress: "5"hex
Timer 3
Features
• Two Compare Registers
• Capture Register
• Edge Sensitive Input with Zero Cross Detection Capability
• Trigger and Single Action Modes
• Output Control Modes
• Automatically Modulation and Demodulation Modes
• FSK Modulation
• Pulse width Modulation (PWM)
• Manchester Demodulation Together with SSI
• Biphase Demodulation Together with SSI
• Pulse-width Demodulation Together with SSI
Figure 50. Timer 3
First write cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: 1111b
Second write cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: 1111b
8-bit comparator
Compare register 1
RES
Capture register
8-bit counter
Compare register 2
Control
C31
C32
Control
T3SM1
NQ
D
T3RM1
T3IM1
T3TM1
TOG2
T3I
T3TM2
T3IM2
T3RM2
T3SM2
NQ
D
CL3
T3EIM
TOG3
INT5
CM31
CM32
: T3M1
: T3M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com