Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE6258-2 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6258-2
Description  LIN Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6258-2 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6258-2 Datasheet HTML 3Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 4Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 5Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 6Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 7Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 8Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 9Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 10Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TLE 6258-2
Data Sheet
7
Rev. 2.0, 2005-01-13
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit
.
Table 2
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Voltages
Supply voltage
V
CC
-0.3
6
V
Battery supply voltage
V
S
-0.3
40
V
Bus input voltage
V
bus
-20
32
V
Bus input voltage
V
bus
-20
40
V
t < 1 s
Logic voltages at EN, TxD,
RxD
V
I
-0.3
V
CC +
0.3
V0 V <
V
CC < 5.5 V
Electrostatic discharge
voltage at
V
S, Bus
V
ESD
-4
4
kV
human body model
(100 pF via 1.5 k
Ω)
Electrostatic discharge
voltage
V
ESD
-2
2
kV
human body model
(100 pF via 1.5 k
Ω)
Temperatures
Junction temperature
T
j
-40
150
°C–
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Supply voltage
V
CC
4.5
5.5
V
Battery Supply Voltage
V
S
635
V
Junction temperature
T
j
-40
150
°C–
Thermal Shutdown (junction temperature)
Thermal shutdown temp.
T
jSD
150
170
190
°C
Thermal shutdown hyst.
T
–10
K
Thermal Resistances
Junction ambient
R
thj-a
–185
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com