Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE6258-2 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6258-2
Description  LIN Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6258-2 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6258-2 Datasheet HTML 4Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 5Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 6Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 7Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 8Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 9Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 10Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 11Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet
8
Rev. 2.0, 2005-01-13
TLE 6258-2
Table 4
Electrical Characteristics
4.5 V <
V
CC < 5.5 V; 6.0 V < VS < 27 V; RL = 500 Ω; VENN < VENN,ON; -40 °C < Tj < 125
°C; all voltages with respect to ground; positive current flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Remark
Min.
Typ.
Max.
Current Consumption
Current consumption
I
CC
0.4
0.7
mA
recessive state;
V
TxD = VCC
Current consumption
I
S
0.5
1.0
mA
recessive state;
V
TxD = VCC
Current consumption
I
CC
0.4
0.8
mA
dominant state;
V
TxD = 0 V; without RL
Current consumption
I
S
1.3
2.0
mA
dominant state;
V
TxD = 0 V; without RL
Current consumption
I
CC
0.4
0.7
mA
power-up mode
Current consumption
I
S
0.5
1.0
mA
power-up mode,
V
CC = 0 V,
V
S = 13.5 V
Current consumption
I
CC
13
10
µA
stand-by mode
Current consumption
I
S
–18
40
µA
stand-by mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com