Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE6258-2 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6258-2
Description  LIN Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6258-2 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6258-2 Datasheet HTML 5Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 6Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 7Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 8Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 9Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 10Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 11Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 12Page - Infineon Technologies AG TLE6258-2 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TLE 6258-2
Data Sheet
9
Rev. 2.0, 2005-01-13
Enable Not Input (pin ENN)
HIGH level input voltage
threshold
V
ENN,off
2.8
0.7
×
V
CC
V
low power mode
LOW level input voltage
threshold
V
ENN,on
0.3
×
V
CC
2.2
V
normal operation
mode
ENN input hysteresis
V
ENN,hys
300
600
900
mV
ENN pull-up resistance
R
ENN
15
30
60
k
Receiver Output RxD
HIGH level output current
I
RD,H
-1.2
-0.8
-0.5
mA
V
RD = 0.8 × VCC
LOW level output current
I
RD,L
0.5
0.8
1.2
mA
V
RD = 0.2 × VCC
Transmission Input TxD
HIGH level input voltage
threshold
V
TD,H
2.9
0.7
×
V
CC
V
recessive state
TxD input hysteresis
V
TD,hys
300
700
900
mV
LOW level input voltage
threshold
V
TD,L
0.3
×
V
CC
2.1
V
dominant state
TxD pull-up current
I
TD
-150
-110
-70
µA
V
TxD < 0.3 × VCC
Table 4
Electrical Characteristics (cont’d)
4.5 V <
V
CC < 5.5 V; 6.0 V < VS < 27 V; RL = 500 Ω; VENN < VENN,ON; -40 °C < Tj < 125
°C; all voltages with respect to ground; positive current flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Remark
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com