Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KSC3 Datasheet(PDF) 11 Page - C&K Components

Part # KSC3
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC3 Datasheet(HTML) 11 Page - C&K Components

Back Button KSC3 Datasheet HTML 7Page - C&K Components KSC3 Datasheet HTML 8Page - C&K Components KSC3 Datasheet HTML 9Page - C&K Components KSC3 Datasheet HTML 10Page - C&K Components KSC3 Datasheet HTML 11Page - C&K Components KSC3 Datasheet HTML 12Page - C&K Components KSC3 Datasheet HTML 13Page - C&K Components KSC3 Datasheet HTML 14Page - C&K Components KSC3 Datasheet HTML 15Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
B–85
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
18 sep 18
KSC PF Series
Potting Friendly Tact Switch
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• Extended Cage
• Silicone actuator
• J or G terminations
• Tape & reel
• IP67
Max. potting height: 2.9 mm
Packaging
In reels of 1,000 pieces.
Dimensions of reels according to EIA RS481 or IEC 2863.
External diameter 330 ± 2 mm
Typical Applications
• Automotive
• Medical equipment
• Industrial electronics
LFS Lead free compatible, silver plated
Force
2 1.8 N
4 4.0 N
6 6.25 N
7 4.0 N
K
S
C
4
Contact Material
1 Silver
2 Silver Long Life
Actuator / Tactile
70SH Silicon 70SH
L
F
S
70SH
Type
Force
(N)
Operating Life
(operations)
Travel
(mm)
KSC421G 70SH LFS PF
1.8+/-0.45
300,000
0.5+/-0.25
KSC421J 70SH LFS PF
1.8+/-0.45
300,000
0.5+/-0.25
KSC422G 70SH LFS PF
1.8+/-0.45
1,000,000
0.5+/-0.25
KSC422J 70SH LFS PF
1.8+/-0.45
1,000,000
0.5+/-0.25
KSC441G 70SH LFS PF
4 +/- 1
300,000
0.65+/-0.25
KSC441J 70SH LFS PF
4 +/- 1
300,000
0.65+/-0.25
KSC442G 70SH LFS PF
4 +/- 1
1,000,000
0.65+/-0.25
KSC442J 70SH LFS PF
4 +/- 1
1,000,000
0.65+/-0.25
KSC461G 70SH LFS PF 6.25+/- 1.75
300,000
0.75+/-0.25
KSC461J 70SH LFS PF 6.25+/- 1.75
300,000
0.75+/-0.25
KSC471G 70SH LFS PF
4 +/- 1
300,000
0.65+/-0.25
KSC471J 70SH LFS PF
4 +/- 1
300,000
0.65+/-0.25
6,2+0,3
0
0,1
4,725 0,1
2,5 0,1
3,3 mini
6,8+0,2
-0,1
*
Termination
J J bend
G Gull wing
P
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com