Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KSC3 Datasheet(PDF) 20 Page - C&K Components

Part # KSC3
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC3 Datasheet(HTML) 20 Page - C&K Components

Back Button KSC3 Datasheet HTML 14Page - C&K Components KSC3 Datasheet HTML 15Page - C&K Components KSC3 Datasheet HTML 16Page - C&K Components KSC3 Datasheet HTML 17Page - C&K Components KSC3 Datasheet HTML 18Page - C&K Components KSC3 Datasheet HTML 19Page - C&K Components KSC3 Datasheet HTML 20Page - C&K Components KSC3 Datasheet HTML 21Page - C&K Components KSC3 Datasheet HTML 22Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
B
B–94
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B–94
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
1 mar 17
KSC10 Series
Sealed Tact Switches for SMT
L F S
LFS Lead free compatible, silver plated
Contact Material
1 Silver
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
K S C 10
0
1
Operating Force
0 1.45 N (145 grams)
See mechanical chart above
to confirm specifications
Termination
J J bend
G Gullwing
Operating
Operating
Type
force FA
life
Travel
(Newtons)
(operations)
(mm)
KSC1001
1.45 ± 0.55
5,000,000
0.45 ± 0.25
KSC10 soft actuator 4,9 mm high
Packaging
Switches delivered on continuous tape & reels of 1,000 pieces
Dimensions according to EIA RS-481/ IEC 60286-3 standard
External diameter 330 ± 2 mm
Note: KSC10 offered with yellow actuator as standard, hardness 55 Shore
6,2
+0,3
0
0,1
6,8
+0,2
-0,1
Ø 2,7 ±0,1
3,3
mini
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com