Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KSC3 Datasheet(PDF) 13 Page - C&K Components

Part # KSC3
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC3 Datasheet(HTML) 13 Page - C&K Components

Back Button KSC3 Datasheet HTML 9Page - C&K Components KSC3 Datasheet HTML 10Page - C&K Components KSC3 Datasheet HTML 11Page - C&K Components KSC3 Datasheet HTML 12Page - C&K Components KSC3 Datasheet HTML 13Page - C&K Components KSC3 Datasheet HTML 14Page - C&K Components KSC3 Datasheet HTML 15Page - C&K Components KSC3 Datasheet HTML 16Page - C&K Components KSC3 Datasheet HTML 17Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
B–87
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
21 Apr 22
KSC2 TE Series
Tireless Endurance Tact Switch
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• New combination of dome/support
• Silicone actuator
• J terminations
• Tape & reel
• IP67
Life time under electrical load (24 V, 1.3 mA)
Packaging
In reels of 2,000 pieces
Dimensions of reels according to EIA RS481 or IEC 2863
External diameter 330 ± 2 mm
Typical Applications
• Elevator
• Game controllers/ Drones
• Industrial applications
• Medical applications
LFS Lead free compatible, silver plated
Force
0 1.60 N
3 2.80 N
4 4.00 N
K
S
C
T
Contact Material
1 Silver
L
F
S
Type
Force
(N)
Life
Travel
(mm)
Electrical Height ON (mm)
(from PCB)
KSC2 TE 01J LFS
1.60 ±0.6
10,000,000
0.25 ±0.2
3.25 ±0.2
KSC2 TE 31J LFS
2.80 ±0.7
5,000,000
0.30 ±0.2
3.25 ±0.2
KSC2 TE 41J LFS
4.00 ±1.0
5,000,000
0.35 ±0.2
3.20 ±0.2
6,3+0,3
0
0,1
3+0,1
-0,2
6,8+0,3
-0,1
3,3 mini
*
Termination
J J bend
1
J
NEW
E
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com