Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC705V8GRS/D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 4 Page - NXP Semiconductors

  HC705V8GRS/D Datasheet HTML 1Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 2Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 3Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 4Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 5Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 6Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 7Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 8Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 172 page
background image
Page v
MC68HC705V8 Specification Rev. 2.1
SECTION 8
LOW-POWER MODES .................................................. 63
8.1
STOP INSTRUCTION ..............................................................63
8.1.1
STOP MODE .......................................................................63
8.1.2
WAIT INSTRUCTION ..........................................................65
SECTION 9
PARALLEL I/O............................................................... 67
9.1
PORT A AND PORT C .............................................................67
9.1.1
PORT A/C DATA REGISTERS............................................67
9.1.2
PORT A/C DATA DIRECTION REGISTER .........................68
9.1.3
PORT A/C I/O PIN INTERRUPTS.......................................68
9.2
PORT B ....................................................................................68
9.2.1
PORT B DATA REGISTER..................................................69
9.2.2
PORT B DATA DIRECTION REGISTER .............................69
9.3
PORT D AND PORT E .............................................................69
9.4
PORT F.....................................................................................70
9.4.1
PORT F DATA REGISTER ..................................................70
9.4.2
PORT F DATA DIRECTION REGISTER .............................70
SECTION 10
A/D CONVERTER.......................................................... 71
10.1
ANALOG SECTION ..................................................................71
10.1.1
RATIOMETRIC CONVERSION ..........................................71
10.1.2
VREFH AND VREFL...............................................................71
10.1.3
ACCURACY AND PRECISION ...........................................71
10.2
CONVERSION PROCESS .......................................................71
10.3
DIGITAL SECTION ...................................................................71
10.4
A/D STATUS AND CONTROL REGISTER (ADSCR) ..............72
10.5
A/D DATA REGISTERS ...........................................................73
10.6
A/D DURING WAIT MODE .......................................................74
10.7
A/D DURING STOP MODE ......................................................74
SECTION 11
16-BIT TIMER ................................................................ 75
11.1
COUNTER REGISTER - $18:$19, $1A:$1B.............................76
11.2
OUTPUT COMPARE REGISTER - $16:$17 ............................76
11.3
INPUT CAPTURE REGISTER - $14:$15 .................................77
11.4
TIMER CONTROL REGISTER (TCR) - $12.............................78
11.4.1
ICIE - Input Capture Interrupt Enable ..................................78
11.4.2
OCIE - Output Compare Interrupt Enable ...........................78
11.4.3
TOIE - Timer Overflow Interrupt Enable ..............................78
11.4.4
TON - Timer On...................................................................78
11.4.5
IEDG - Input Edge ...............................................................78
11.4.6
OLVL - Output Level............................................................79
11.5
TIMER STATUS REGISTER (TSR) - $13 ................................79
11.5.1
ICF - Input Capture Flag......................................................79
11.5.2
OCF - Output Compare Flag ...............................................79
11.5.3
TOF - Timer Overflow Flag..................................................79
11.5.4
Bits 0-4 - Not used...............................................................79
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com