Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEF512SRI Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEF512SRI
Description  Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512SRI Datasheet(HTML) 5 Page - STMicroelectronics

  STEF512SRI Datasheet HTML 1Page - STMicroelectronics STEF512SRI Datasheet HTML 2Page - STMicroelectronics STEF512SRI Datasheet HTML 3Page - STMicroelectronics STEF512SRI Datasheet HTML 4Page - STMicroelectronics STEF512SRI Datasheet HTML 5Page - STMicroelectronics STEF512SRI Datasheet HTML 6Page - STMicroelectronics STEF512SRI Datasheet HTML 7Page - STMicroelectronics STEF512SRI Datasheet HTML 8Page - STMicroelectronics STEF512SRI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
4
Maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN_5
5 V supply voltage
-0.3 to 23.5
V
Negative transient tolerance (<1 ms)
-3
V
VIN_12
12 V supply voltage
-0.3 to 23.5
V
Negative transient tolerance (<1 ms)
-3
V
VOUT_5
5 V output voltage
-0.3 to 7
V
VOUT_12
12 V output voltage
-0.3 to VIN + 0.3
(18 V max.)
V
VSATAIG
SATA ignore pin voltage
-0.3 to 4
V
IMON_5,12
Current monitor pin voltage
-0.3 to 7
A
IOUT_5, IOUT_12
Continuous output current, 5 and 12 V channels
Internally limited
A
VEN
Enable pin voltage
-0.3 to 7
V
IMON_SEL
Current monitor selection pin voltage
-0.3 to 4
V
TJ-OP
Operating junction temperature range (1)
-40 to 125
°C
TSTG
Storage temperature range
-55 to 150
°C
1. The thermal limit is set above the maximum thermal rating. It is not recommended to operate the device at temperatures
greater than the maximum ratings for extended periods of time.
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. Exposure to absolute maximum rating conditions may affect
device reliability. All values are referred to GND.
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient (1)
82
°C/W
RthJC
Thermal resistance junction-case
12
°C/W
1. Based on JESD51-7, 4-layer PCB.
Table 5. ESD performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD performance
HBM
2
kV
CDM
500
V
STEF512SRI
Maximum ratings
DS14138 - Rev 1
page 5/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com