Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

5P49V5929 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 5P49V5929
Description  Programmable Clock Generator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5P49V5929 Datasheet(HTML) 3 Page - Renesas Technology Corp

  5P49V5929 Datasheet HTML 1Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 2Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 3Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 4Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 5Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 6Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 7Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 8Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
FEBRUARY 21, 2019
3
PROGRAMMABLE CLOCK GENERATOR
5P49V5929 DATASHEET
Table 1: Pin Descriptions
Number
Name
Type
Description
1
CLKIN
Input
Internal
Pull-down
Differential clock input. Weak 100kohms internal pull-down.
2
CLKINB
Input
Internal
Pull-down
Complementary differential clock input. Weak 100kohms internal pull-down.
3
XOUT
Input
Crystal Oscillator interface output.
4
XIN/REF
Input
Crystal Oscillator interface input, or single-ended LVCMOS clock input. Ensure that
the input voltage is 1.2V max. Refer to the section “Overdriving the XIN/REF
Interface”.
5VDDA
Power
Analog functions power supply pin. Connect to 1.8V to 3.3V. VDDA and VDDD should
have the same voltage applied.
6
CLKSEL
Input
Internal
Pull-down
Input clock select. Selects the active input reference source in manual switchover
mode.
0 = XIN/REF, XOUT (default)
1 = CLKIN, CLKINB
CLKSEL Polarity can be changed by I2C programming as shown in Table 4.
7
SD/OE
Input
Internal
Pull-down
Enables/disables the outputs (OE) or powers down the chip (SD). The SH bit
controls the configuration of the SD/OE pin. The SH bit needs to be high for SD/OE
pin to be configured as SD. The SP bit (0x02) controls the polarity of the signal to be
either active HIGH or LOW only when pin is configured as OE (Default is active
LOW.) Weak internal pull down resistor. When configured as SD, device is shut
down and the single-ended LVCMOS outputs are driven low. When configured as
OE, and outputs are disabled, the outputs can be selected to be tri-stated or driven
high/low, depending on the programming bits as shown in the SD/OE Pin Function
Truth table.
8
SEL1/SDA
Input
Internal
Pull-down
Configuration select pin, or I2C SDA input as selected by OUT0_SEL_I2CB. Weak
internal pull down resistor.
9
SEL0/SCL
Input
Internal
Pull-down
Configuration select pin, or I2C SCL input as selected by OUT0_SEL_I2CB. Weak
internal pull down resistor.
10
VDDO4Power
Output power supply. Connect to 1.8 to 3.3V. Sets output voltage levels for OUT7
and OUT8.
11
OUT7
Output
Output Clock 7. Please refer to the Output Drivers section for more details. OUT7
and OUT8 are the same frequency.
12
OUT8
Output
Output Clock 8. Please refer to the Output Drivers section for more details.OUT7
and OUT8 are the same frequency.
13
OUT6
Output
Output Clock 6. Please refer to the Output Drivers section for more details. OUT5
and OUT6 are the same frequency.
14
OUT5
Output
Output Clock 5. Please refer to the Output Drivers section for more details.OUT5
and OUT6 are the same frequency.
15
VDDO3Power
Output power supply. Connect to 1.8 to 3.3V. Sets output voltage levels for OUT5
and OUT6.
16
OUT4
Output
Output Clock 4. Please refer to the Output Drivers section for more details. OUT3
and OUT4 are the same frequency.
17
OUT3
Output
Output Clock 3. Please refer to the Output Drivers section for more details. OUT3
and OUT4 are the same frequency.
18
VDDO2Power
Output power supply. Connect to 1.8 to 3.3V. Sets output voltage levels for OUT3
and OUT4.
19
OUT2
Output
Output Clock 2. Please refer to the Output Drivers section for more details. OUT1
and OUT2 are the same frequency.
20
OUT1
Output
Output Clock 1. Please refer to the Output Drivers section for more details. OUT1
and OUT2 are the same frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com