Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

5P49V5929 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 5P49V5929
Description  Programmable Clock Generator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5P49V5929 Datasheet(HTML) 1 Page - Renesas Technology Corp

  5P49V5929 Datasheet HTML 1Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 2Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 3Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 4Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 5Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 6Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 7Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 8Page - Renesas Technology Corp 5P49V5929 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
DATASHEET
5P49V5929 FEBRUARY 21, 2019
1
©2019 Integrated Device Technology, Inc.
Programmable Clock Generator
5P49V5929
Description
The 5P49V5929 is a programmable clock generator intended
for high performance consumer, networking, industrial,
computing, and data-communications applications.
Configurations may be stored in on-chip One-Time
Programmable (OTP) memory or changed using I2C
interface. This is IDT’s fifth generation of programmable clock
technology (VersaClock® 5).
The frequencies are generated from a single reference clock.
The reference clock can come from one of the two redundant
clock inputs. A glitchless manual switchover function allows
one of the redundant clocks to be selected during normal
operation.
Two select pins allow up to 4 different configurations to be
programmed and accessible using processor GPIOs or
bootstrapping. The different selections may be used for
different operating modes (full function, partial function, partial
power-down), regional standards (US, Japan, Europe) or
system production margin testing.
The device may be configured to use one of two I2C
addresses to allow multiple devices to be used in a system.
Pin Assignment
Features
• Generates up to four independent output frequencies
• High performance, low phase noise PLL, <0.7 ps RMS
typical phase jitter on outputs
• Four fractional output dividers (FODs)
• Independent Spread Spectrum capability on each output
pair
• Four banks of internal non-volatile in-system
programmable or factory programmable OTP memory
• I2C serial programming interface
• Nine LVCMOS outputs, including one reference output
• I/O Standards:
– Single-ended I/Os: 1.8V to 3.3V LVCMOS
• Input frequency ranges:
– LVCMOS Reference Clock Input (XIN/REF) – 1MHz to
200MHz
– LVDS, LVPECL, HCSL Differential Clock Input (CLKIN,
CLKINB) – 1MHz to 200MHz
– Crystal frequency range: 8MHz to 40MHz
• Output frequency ranges:
– LVCMOS Clock Outputs – 1MHz to 200MHz
• Individually selectable output voltage (1.8V, 2.5V, 3.3V) for
each output pair
• Redundant clock inputs with manual switchover
• Programmable loop bandwidth
• Programmable slew rate control
• Programmable crystal load capacitance
• Individual output enable/disable
• Power-down mode
• 1.8V, 2.5V or 3.3V core VDDD, VDDA
• Available in 24-pin VFQFPN 4mm x 4mm package
• -40° to +85°C industrial temperature operation
1
7
24-pin VFQFPN
19
13
XOUT
XIN/REF
VDDO3
CLKIN
OUT6
OUT3
CLKINB
CLKSEL
OUT5
OUT4
VDDO2
VDDA
EPAD
GND
2
3
4
5
6
8
9 10 11 12
14
15
16
17
18
20
21
22
23
24


Similar Part No. - 5P49V5929

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5929 IDT-5P49V5929 Datasheet
361Kb / 27P
Generates up to four independent output frequencies
5P49V5929 IDT-5P49V5929 Datasheet
360Kb / 27P
Programmable Clock Generator
5P49V5929BdddNLGI IDT-5P49V5929BdddNLGI Datasheet
360Kb / 27P
Programmable Clock Generator
5P49V5929BdddNLGI8 IDT-5P49V5929BdddNLGI8 Datasheet
360Kb / 27P
Programmable Clock Generator
5P49V5929 IDT-5P49V5929_16 Datasheet
360Kb / 27P
Programmable Clock Generator
More results

Similar Description - 5P49V5929

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
Programmable Clock Generator
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
Programmable Clock Generator
5P49V5925 IDT-5P49V5925_1 Datasheet
413Kb / 27P
Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com