Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

9VRS4818B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 9VRS4818B
Description  FUSION II CLOCK GENERATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9VRS4818B Datasheet(HTML) 4 Page - Renesas Technology Corp

  9VRS4818B Datasheet HTML 1Page - Renesas Technology Corp 9VRS4818B Datasheet HTML 2Page - Renesas Technology Corp 9VRS4818B Datasheet HTML 3Page - Renesas Technology Corp 9VRS4818B Datasheet HTML 4Page - Renesas Technology Corp 9VRS4818B Datasheet HTML 5Page - Renesas Technology Corp 9VRS4818B Datasheet HTML 6Page - Renesas Technology Corp 9VRS4818B Datasheet HTML 7Page - Renesas Technology Corp 9VRS4818B Datasheet HTML 8Page - Renesas Technology Corp 9VRS4818B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
9VRS4818B
FUSION II CLOCK GENERATOR
IDT® FUSION II CLOCK GENERATOR
4
9VRS4818B
REV A 062512
Block Diagram
Power Groups
SATA_DISP PLL
Gen2 SRC PLL
SS capable
USB48 PLL
SRC(11:0)
48M(1:0)
DIFFERENTIAL
SINGLE-ENDED
25MHz
25M
XTAL OSC
LOGIC
CKPwrGD/WOL_STOP#
X1
X2
SATA_DISP(2:0)
CLKREQ(11:0)#
14.318MHz PLL
REF(1:0)
SMBCLK
SMBDAT
Description
VDD3.3
VDD1.5
VDD_LIO
GND
17, 33
12, 28,
11, 18, 27,
34, 39
Power for SRC PLL and Outputs
49
42
43, 48
Power for SATA_DISP PLL and
Outputs
47
50
Power for HTT output
66
63
Power for REF PLL and Outputs
55
56
Power for XTAL osc.and 25M outputs
71
2
Power for 48MHz PLL and outputs.
Pin N umber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com