Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT25SF161 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # AT25SF161
Description  16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/0 and Quad-IQ Support
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF161 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button AT25SF161 Datasheet HTML 43Page - Renesas Technology Corp AT25SF161 Datasheet HTML 44Page - Renesas Technology Corp AT25SF161 Datasheet HTML 45Page - Renesas Technology Corp AT25SF161 Datasheet HTML 46Page - Renesas Technology Corp AT25SF161 Datasheet HTML 47Page - Renesas Technology Corp AT25SF161 Datasheet HTML 48Page - Renesas Technology Corp AT25SF161 Datasheet HTML 49Page - Renesas Technology Corp AT25SF161 Datasheet HTML 50Page - Renesas Technology Corp AT25SF161 Datasheet HTML 51Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
Corporate Office
California | USA
Adesto Headquarters
3600 Peterson Way
Santa Clara, CA 95054
Phone: (+1) 408.400.0578
Email: contact@adestotech.com
© 20
21 Adesto Technologies. All rights reserved. / Rev.: DS-25SF161–046I–02/2021
Adesto®, the Adesto logo, CBRAM®, and DataFlash® are registered trademarks or trademarks of Adesto Technologies. All other marks are the property of their respective
owners.
Disclaimer: Adesto Technologies Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Adesto's Terms
and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications
detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Adesto are granted by the
Company in connection with the sale of Adesto products, expressly or by implication. Adesto's products are not authorized for use as critical components in life support devices or systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com