Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT25SF161 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # AT25SF161
Description  16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/0 and Quad-IQ Support
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF161 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button AT25SF161 Datasheet HTML 24Page - Renesas Technology Corp AT25SF161 Datasheet HTML 25Page - Renesas Technology Corp AT25SF161 Datasheet HTML 26Page - Renesas Technology Corp AT25SF161 Datasheet HTML 27Page - Renesas Technology Corp AT25SF161 Datasheet HTML 28Page - Renesas Technology Corp AT25SF161 Datasheet HTML 29Page - Renesas Technology Corp AT25SF161 Datasheet HTML 30Page - Renesas Technology Corp AT25SF161 Datasheet HTML 31Page - Renesas Technology Corp AT25SF161 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
27
AT25SF161
DS-25SF161–
046I–02/2021
Notes:
1. Only bits 6 through 3, 1, and 0 of the Status Register can be modified when using the Write Status Register command
2. R/W = Readable and writable
R = Readable only.
Figure 10-2. Read Status Register Byte 2
Table 10-2. Status Register Format – Byte 2
Bit(1)
Name
Type(2)
Description
7
SUS
Suspend Status
R
0
Device is not suspended (default)
1
Device is suspended from erase
6
CMP
Complement Block Protection
R/W
0
See table on Block Protection
5
LB3
Lock Security Register 3
R/W
0
Security Register page-3 is not locked (default)
1
Security Register page-3 cannot be erased/programmed
4
LB2
Lock Security Register 2
R/W
0
Security Register page-2 is not locked (default)
1
Security Register page-2 cannot be erased/programmed
3
LB1
Lock Security Register 1
R/W
0
Security Register page-1 is not locked (default)
1
Security Register page-1 cannot be erased/programmed
2
RES
Reserved for future use
R
0
Reserved for future use
1
QE
Quad Enable
R/W
0
HOLD and WP function normally (default)
1
HOLD and WP are I/O pins
0
SRP1
Status Register Protect bit-1
R/W
See table on Status Register Protection
SCK
CS
SI
SO
MSB
23
1
0
00
0101
67
5
41011
9
8122122
1720
19
18
1516
131423242829
27
26
2530
MSB
MSB
DDDDDD
DD
D
D
MSB
DDDDDD
D
D
D DD
D D D
BYTE 2
HI
GH-
I
MPEDANCE
BYTE 2
BYTE 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com