Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT25SF161 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # AT25SF161
Description  16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/0 and Quad-IQ Support
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF161 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button AT25SF161 Datasheet HTML 17Page - Renesas Technology Corp AT25SF161 Datasheet HTML 18Page - Renesas Technology Corp AT25SF161 Datasheet HTML 19Page - Renesas Technology Corp AT25SF161 Datasheet HTML 20Page - Renesas Technology Corp AT25SF161 Datasheet HTML 21Page - Renesas Technology Corp AT25SF161 Datasheet HTML 22Page - Renesas Technology Corp AT25SF161 Datasheet HTML 23Page - Renesas Technology Corp AT25SF161 Datasheet HTML 24Page - Renesas Technology Corp AT25SF161 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
20
AT25SF161
DS-25SF161–
046I–02/2021
in the Status Register will then be reset back to the logical "0" state to indicate the program or erase operation is no
longer suspended. In addition, the RDY/BSY bit in the Status Register will indicate that the device is busy performing a
program or erase operation. The complete opcode must be clocked into the device before the CS pin is deasserted, and
the CS pin must be deasserted on a byte boundary (multiples of eight bits). Otherwise, no resume operation will perform.
During a simultaneous Erase Suspend/Program Suspend condition, issuing the Program/Erase Resume command will
result in the program operation resuming first. After the program operation has been completed, the Program/Erase
Resume command must be issued again in order for the erase operation to be resumed.
While the device is busy resuming a program or erase operation, any attempts at issuing the Program/Erase Suspend
command will be ignored. Therefore, if a resumed program or erase operation needs to be subsequently suspended
again, the system must either wait the entire tRES time before issuing the Program/Erase Suspend command, or it must
check the status of the RDY/BSY bit or the SUS bit in the Status Register to determine if the previously suspended
program or erase operation has resumed.
Figure 7-6. Program/Erase Resume.
8.
Protection Commands and Features
8.1
Write Enable (06h)
The Write Enable command is used to set the Write Enable Latch (WEL) bit in the Status Register to a logical “1” state.
The WEL bit must be set before a Byte/Page Program, Erase, Program Security Register Pages, Erase Security Register
Pages or Write Status Register command can be executed. This makes the issuance of these commands a two step
process, thereby reducing the chances of a command being accidentally or erroneously executed. If the WEL bit in the
Status Register is not set prior to the issuance of one of these commands, then the command will not be executed.
To issue the Write Enable command, the CS pin must first be asserted and the opcode of 06h must be clocked into the
device. No address bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored.
When the CS pin is deasserted, the WEL bit in the Status Register will be set to a logical “1”. The complete opcode must
be clocked into the device before the CS pin is deasserted, and the CS pin must be deasserted on an byte boundary
(multiples of eight bits); otherwise, the device will abort the operation and the WEL bit state will not change.
Figure 8-1. Write Enable
SCK
SI
SO
MSB
23
1
0
01
11 1010
67
5
4
OPCODE
HI
GH-
I
MPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com