Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ILPS28QSWTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ILPS28QSWTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSWTR Datasheet(HTML) 5 Page - STMicroelectronics

  ILPS28QSWTR Datasheet HTML 1Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 2Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 3Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 4Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 5Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 6Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 7Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 8Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
3
Mechanical and electrical specifications
3.1
Mechanical characteristics
VDD = 1.8 V, T = 25 °C, unless otherwise noted.
Table 2. Pressure and temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Pressure sensor characteristics
PTop
Operating temperature range
-40
+105
°C
Pop
Operating pressure range
Mode 1
Mode 2
260
260
1260
4060
hPa
Pbits
Pressure output data
24
bits
Psens
Pressure sensitivity
Mode 1
Mode 2
4096
2048
LSB/hPa
PAccRel
Relative pressure accuracy(2)
Mode 1
Mode 2
T =25 °C
P= 800 ~ 1100 hPa
P = 2060 ~ 4060 hPa
±0.015
±1
hPa
PAccT
Absolute pressure accuracy
Mode 1
Mode 2
Refer to Table 3
P = 660 ~ 1260
T = 0 ~ 65 °C
T = -40 ~ 105 °C
P = 1260 ~ 4060 hPa
T = 0 ~ 65 °C
T = -20 ~ 105 °C
±1
±2.5
±0.43%
±0.6%
hPa
Pnoise
RMS pressure sensing noise(3)
Mode1
Mode 2
Refer to Table 25
T = 25 °C
0.32
0.57
Pa RMS
ODRPres
Pressure output data rate
1
4
10
25
50
75
100
200
Hz
P_longterm
Pressure accuracy, long-term stability(4)
±1
hPa/year
P_drift
Soldering drift
±0.5
hPa
Temperature sensor characteristics
Top
Operating temperature range
-40
+105
°C
Tsens
Temperature sensitivity
100
LSB/°C
ILPS28QSW
Mechanical and electrical specifications
DS13905 - Rev 1
page 5/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com