Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ILPS28QSWTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # ILPS28QSWTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSWTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ILPS28QSWTR Datasheet HTML 35Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 36Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 37Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 38Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 39Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 40Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 41Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 42Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
10.13
I3C_IF_CTRL (19h)
Control register (R/W)
7
6
5
4
3
2
1
0
1
0
ASF_ON
0
0
0
I3C_Bus_
Avb_Sel1
I3C_Bus_
Avb_Sel0
ASF_ON
Enables anti-spike filters. Default value: 0
(0: anti-spike filters are managed by protocol and turned off after the broadcast address;
1: anti-spike filters on SCL and SDA lines are always enabled)
I3C_Bus_Avb_Sel[1:0]
These bits are used to select the bus available time when I3C IBI is used.
Default value: 00
(00: bus available time equal to 50 µsec;
01: bus available time equal to 2 µsec;
10: bus available time equal to 1 msec;
11: bus available time equal to 25 msec)
10.14
RPDS_L (1Ah)
Pressure offset (LSB data)
7
6
5
4
3
2
1
0
RPDS7
RPDS6
RPDS5
RPDS4
RPDS3
RPDS2
RPDS1
RPDS0
RPDS[7:0]
This register contains the low part of the pressure offset value. Default value: 00000000
The pressure offset value is 16-bit data that can be used to implement one-point calibration (OPC) after soldering.
This value is composed of RPDS_H (1Bh) and RPDS_L (1Ah). The value is expressed as two's complement.
The customer can perform a one-point calibration after soldering (recommended) and the offset coefficient can be
stored for OPC in register RPDS (1Ah, 1Bh). These stored offset values are directly added to the compensated
pressure data in the block diagram below. To give better flexibility to the user, the OPC value can be written twice
in the same register map. For further details, refer to the application note.
Figure 18. One-point calibration
ILPS28QSW
I3C_IF_CTRL (19h)
DS13905 - Rev 1
page 39/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com