Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ILPS28QSWTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ILPS28QSWTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSWTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ILPS28QSWTR Datasheet HTML 3Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 4Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 5Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 6Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 7Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 8Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 9Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 10Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
3.2
Electrical characteristics
VDD = 1.8 V, T = 25 °C, unless otherwise noted.
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min. Typ.(1) Max. Unit
VDD
Supply voltage
1.7
3.6
V
Idd
Supply current for pressure acquisition
@ 1 Hz one-shot
AVG = 4 when AH and Qvar are disabled(2)
AVG = 4 when AH and Qvar are enabled
1.7
4.2
µA
@ 1 Hz one-shot
AVG = 128 when AH and Qvar are disabled(2)
AVG = 128 when AH and Qvar are enabled
9.4
11.9
IddPdn
Power-down current when AH and Qvar
are disabled(2)
Power-down current when AH and Qvar
are enabled
1
3.6
µA
1. Typical specifications are not guaranteed.
2. To use only the pressure sensor without Qvar, 00h must be written in register 5Fh when the device is powered on. AH1/
QVAR1(pin 2) and AH2/QVAR2 (pin 4) must be connected to GND.
Table 5. Electrical parameters of Qvar (@Vdd = 1.8 V, T = 25 °C)
Parameter
Typ.
Unit
Offset (shorted inputs)
±0.021
mV
Noise (shorted inputs)
9
μV
Qvar gain
426k
LSB/mV
CMRR
64
dB
Input impedance
18(1)
Input range
±18
mV
1. Depending on ODR and AVG, refer to Table 6
Table 6. Input impedance of Qvar
Input impedance [MΩ]
RIN (ODR, AVG) [MΩ]
ODR [Hz]
AVG
1
4
10
25
50
75
100
200
4
21.6
21.5
21.4
21.1
20.5
20.0
19.6
17.9
8
21.6
21.4
21.2
20.5
19.6
18.7
17.9
15.3
16
21.5
21.2
20.7
19.6
17.9
16.5
15.3
11.8
32
21.4
20.9
19.9
17.9
15.3
13.3
11.8
8.1
64
21.2
20.3
18.5
15.3
11.8
9.6
8.1
5.0
128
20.9
19.1
16.2
11.8
8.1
6.2
5.0
2.8
512
19.1
14.1
9.3
5.0
2.8
2.0
1.5
0.8
ILPS28QSW
Electrical characteristics
DS13905 - Rev 1
page 7/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com