Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DA7281 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA7281
Description  LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7281 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA7281 Datasheet HTML 53Page - Renesas Technology Corp DA7281 Datasheet HTML 54Page - Renesas Technology Corp DA7281 Datasheet HTML 55Page - Renesas Technology Corp DA7281 Datasheet HTML 56Page - Renesas Technology Corp DA7281 Datasheet HTML 57Page - Renesas Technology Corp DA7281 Datasheet HTML 58Page - Renesas Technology Corp DA7281 Datasheet HTML 59Page - Renesas Technology Corp DA7281 Datasheet HTML 60Page - Renesas Technology Corp DA7281 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C
Addresses, Integrated Waveform Memory, and
Wideband Support
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
57 of 87
© 2022 Renesas Electronics
5.9.2
PWM Mode
PWM provides mark / space ratio between 0 % and 100 %. The interpretation of duty cycle depends
on the state of ACCELERATION_EN.
● For ACCELERATION_EN = 0:
○ A 0 % duty cycle corresponds to -100 % driving strength.
○ A 50 % duty cycle corresponds to no drive.
○ A 100 % duty cycle corresponds to +100 % driving strength.
○ FULL_BRAKE_THR defines a lower threshold for driving strength, below this threshold, drive
is interpreted as zero.
● For ACCELERATION_EN = 1:
○ A 0 % duty cycle corresponds to no drive.
○ A 50 % duty cycle corresponds to +50 % driving strength.
○ A 100 % duty cycle corresponds to +100 % driving strength.
○ Negative drive is not possible.
○ FULL_BRAKE_THR defines a lower threshold for driving strength, below this threshold, drive
is interpreted as zero.
The encoded value of PWM data is converted to 8-bit two
’s complement data using the DRO format
and is written to OVERRIDE_VAL so it can be read back.
5.9.3
RTWM and ETWM Modes
● For ACCELERATION_EN = 0:
○ The 4 bits of the amplitude value are interpreted as a two’s complement signed value.
○ The most negative value corresponds to -100 % driving strength.
○ The most positive value corresponds to +100 % driving strength.
○ A zero value corresponds to no drive.
● The full range is between 7 (100 %) and -7 (-100 %), with -8 interpreted as -7 to keep the ranges
symmetrical.ACCELERATION_EN = 1
○ The 4 bits of the amplitude value are interpreted as an unsigned value.
○ The most positive value corresponds to +100 % driving strength.
○ Negative drive is not possible.
○ A zero value corresponds to no drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com