Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DA7281 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA7281
Description  LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7281 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA7281 Datasheet HTML 7Page - Renesas Technology Corp DA7281 Datasheet HTML 8Page - Renesas Technology Corp DA7281 Datasheet HTML 9Page - Renesas Technology Corp DA7281 Datasheet HTML 10Page - Renesas Technology Corp DA7281 Datasheet HTML 11Page - Renesas Technology Corp DA7281 Datasheet HTML 12Page - Renesas Technology Corp DA7281 Datasheet HTML 13Page - Renesas Technology Corp DA7281 Datasheet HTML 14Page - Renesas Technology Corp DA7281 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C
Addresses, Integrated Waveform Memory, and
Wideband Support
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
11 of 87
© 2022 Renesas Electronics
Pin Type
Description
Pin Type
Description
DO
Digital output
PWR
Power
DIO
Digital input/output
GND
Ground
4
Characteristics
4.1
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to
the device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Table 4: Absolute Maximum Ratings
Parameter
Description
Conditions
Min
Max
Unit
VDD
Haptic power supply (battery or
regulated rail)
Referenced to GND
-0.3
6
V
VDDIO
Digital IO supply
-0.3
6
V
VOUTN
Haptic driver negative output
-0.3
6
V
VOUTP
Haptic driver positive output
-0.3
6
V
VnIRQ
Interrupt request line to host
-0.3
6
V
VSCL
I2C clock input
-0.3
6
V
VSDA
I2C data input/output
-0.3
6
V
VGPI
General purpose input
-0.3
6
V
VADDR_x
I2C address pins
-0.3
6
V
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
TSTG
Storage temperature
-65
150
°C
ESDHBM
ESD protection
Human Body Model (HBM)
All non-exposed pins
4
kV
ESDCDM
ESD protection
Charged Device Model
(CDM)
1
kV
4.2
Recommended Operating Conditions
Unless otherwise noted, the parameters listed in Table 5 are valid for TA = 25
ºC, VDD = 3.8 V, and
VDDIO = 1.8 V.
Table 5: Recommended Operating Conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
VDD
Haptic power supply (battery or
regulated rail)
2.8
3.8
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com