Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DA7281 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA7281
Description  LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7281 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA7281 Datasheet HTML 17Page - Renesas Technology Corp DA7281 Datasheet HTML 18Page - Renesas Technology Corp DA7281 Datasheet HTML 19Page - Renesas Technology Corp DA7281 Datasheet HTML 20Page - Renesas Technology Corp DA7281 Datasheet HTML 21Page - Renesas Technology Corp DA7281 Datasheet HTML 22Page - Renesas Technology Corp DA7281 Datasheet HTML 23Page - Renesas Technology Corp DA7281 Datasheet HTML 24Page - Renesas Technology Corp DA7281 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C
Addresses, Integrated Waveform Memory, and
Wideband Support
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
21 of 87
© 2022 Renesas Electronics
Additional Features
DA7281 also features:
● A temperature and supply stable (±1.5 %) internal oscillator which guarantees consistent haptic
playback in the frequency domain over a wide range of operating conditions.
● Automatic over-temperature warning and shutdown capability.
● Low pad leakage current (typ. < 50 nA, for all pads combined).
● Low idle current from VDDIO (typ. 130 nA at 1.8 V).
● I2C operation down to VDDIO = 1.35 V.
● Output PWM frequency, at 187.5 kHz, is 167.5 kHz away from the audio band and at a non-audio
sample rate multiple. This prevents audible fold back via supply disturbance common in near-
audio-band switching haptic drivers.
● Easy to use Dialog SmartCanvas™ GUI with a user tab for fast device setup without the need to
directly interact with registers and an intuitive graphical environment for Waveform Memory
editing and visualization.
5.2
Functional Modes
5.2.1
System States
DA7281 features IDLE and STANDBY states ensuring lowest power consumption and lowest start-
up latency in different operating conditions. In addition, when any fault is detected, the device returns
directly to the IDLE state. Figure 8 shows the device states and the transitions into and out of each
state.
When a power supply is applied, DA7281 loads the register default settings. Once BOOT is
complete, DA7281 remains in the IDLE state and awaits further I2C communication.
DA7281 enters the DRIVE state when playback of a haptic sequence begins. There are several
different operating modes for playback, see Section 5.2.2.
On completion of playback, DA7281 leaves DRIVE state and returns either to IDLE state (for low
power consumption) or STANDBY state (for low latency-to-drive). This is configured using
STANDBY_EN.
If a fault condition occurs, DA7281 returns to the IDLE state, see Section 5.6.6 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com