Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC940L Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # MPC940L
Description  LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC940L Datasheet(HTML) 5 Page - Renesas Technology Corp

  MPC940L Datasheet HTML 1Page - Renesas Technology Corp MPC940L Datasheet HTML 2Page - Renesas Technology Corp MPC940L Datasheet HTML 3Page - Renesas Technology Corp MPC940L Datasheet HTML 4Page - Renesas Technology Corp MPC940L Datasheet HTML 5Page - Renesas Technology Corp MPC940L Datasheet HTML 6Page - Renesas Technology Corp MPC940L Datasheet HTML 7Page - Renesas Technology Corp MPC940L Datasheet HTML 8Page - Renesas Technology Corp MPC940L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MPC940L Datasheet
5
©2016 Integrated Device Technology, Inc.
Revision 9, October 4, 2016
OBSOLETE
Table 7. DC Characteristics (TA = 0 to 70C, VCCI = 2.5 V ±5%; VCCO = 2.5 V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
CMOS_CLK
2.0
VCCI
V
VIL
Input LOW Voltage
CMOS_CLK
0.8
V
VPP
Peak-to-Peak Input Voltage
PECL_CLK
500
1000
mV
VCMR
Common Mode Range
PECL_CLK
VCCI – 1.0
VCCI – 0.6
V
VOH
Output HIGH Voltage
1.8
V
IOH = –12 mA
VOL
Output LOW Voltage
0.5
V
IOL = 12 mA
IIN
Input Current
200
A
CIN
Input Capacitance
4.0
pF
Cpd
Power Dissipation Capacitance
10
pF
per output
ZOUT
Output Impedance
18
23
28
ICC
Maximum Quiescent Supply Current
0.5
1.0
mA
Table 8. AC Characteristics (TA = 0 to 70C, VCCI = 2.5 V ±5%; VCCO = 2.5 V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Input Frequency
200
MHz
tPLH
Propagation Delay
PECL_CLK
 150 MHz
CMOS_CLK
 150 MHz
2.6
2.3
4.0
3.1
5.2
4.0
ns
tPLH
Propagation Delay
PECL_CLK > 150 MHz
CMOS_CLK > 150 MHz
2.8
2.3
3.8
3.1
5.0
4.0
ns
tsk(o)
Output-to-Output Skew
PECL_CLK
CMOS_CLK
200
200
ps
tsk(pp)
Part-to-Part Skew
PECL_CLK
 150 MHz
CMOS_CLK
 150 MHz
2.6
1.7
ns
Note (1)
1. Across temperature and voltage ranges. Includes output skew.
tsk(pp)
Part-to-Part Skew
PECL_CLK > 150 MHz
CMOS_CLK > 150 MHz
2.2
1.7
ns
Note (1)
tsk(pp)
Part-to-Part Skew
PECL_CLK
CMOS_CLK
1.2
1.0
ns
Note (2)
2. For specific temperature and voltage. Includes output skew.
DC
Output Duty Cycle
fCLK < 134 MHz
fCLK  200 MHz
45
40
50
50
55
60
%
%
Input DC = 50%
Input DC = 50%
tr, tf
Output Rise/Fall Time
0.3
1.2
ns
0.5 - 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com