Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC940L Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # MPC940L
Description  LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC940L Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button MPC940L Datasheet HTML 5Page - Renesas Technology Corp MPC940L Datasheet HTML 6Page - Renesas Technology Corp MPC940L Datasheet HTML 7Page - Renesas Technology Corp MPC940L Datasheet HTML 8Page - Renesas Technology Corp MPC940L Datasheet HTML 9Page - Renesas Technology Corp MPC940L Datasheet HTML 10Page - Renesas Technology Corp MPC940L Datasheet HTML 11Page - Renesas Technology Corp MPC940L Datasheet HTML 12Page - Renesas Technology Corp MPC940L Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MPC940L Datasheet
10
©2016 Integrated Device Technology, Inc.
Revision 9, October 4, 2016
OBSOLETE
Ordering Information
Table 9. Ordering Information
Part/Order Number
Marking
Package
Shipping Packaging
Termperature
MPC940LAC
MPC940LAC
Lead-Free, 32 Lead LQFP
Tray
0°C to 70°C
MPC940LACR2
MPC940LAC
Lead-Free, 32 Lead LQFP
2500 Tape & Reel
0°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com