Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC96877 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC96877
Description  1.8 V PLL 1:10 Differential SDRAM Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC96877 Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC96877 Datasheet HTML 1Page - Renesas Technology Corp MPC96877 Datasheet HTML 2Page - Renesas Technology Corp MPC96877 Datasheet HTML 3Page - Renesas Technology Corp MPC96877 Datasheet HTML 4Page - Renesas Technology Corp MPC96877 Datasheet HTML 5Page - Renesas Technology Corp MPC96877 Datasheet HTML 6Page - Renesas Technology Corp MPC96877 Datasheet HTML 7Page - Renesas Technology Corp MPC96877 Datasheet HTML 8Page - Renesas Technology Corp MPC96877 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MPC96877
550
FREESCALE SEMICONDUCTOR ADVANCED CLOCK DRIVERS DEVICE DATA
Table 1. Pin Configuration
Pin
BGA
MLF
I/O
Function
AGND
G1
7
Analog ground
AVDD
H1
8
Analog power
CK
E1
4
Input
Clock input with a (10k to 100k) pulldown resistor
CK
E6
5
Input
Complimentary clock input with a (10k to 100k) pulldown resistor
FBIN
F6
27
Input
Feedback clock input
FBIN
26
Input
Complimentary Feedback clock input
FBOUT
H6
24
Output
Feedback clock output
FBOUT
G6
25
Output
Complimentary feeback clock output
OE
F5
22
Input
Output Enable (asynchronous)
OS
D5
21
Input
Output Select (tied to GND or VDD)
GND
B2, B3, B4, B5,
C2,C5,H2,H5,
J2, J3, J4, J5
10
Ground
VDDQ
D2, D3, D4, E2, E5,
F2, G2, G3, G4, G5
1, 6, 9, 15, 20,
23, 28, 31, 36
Logic and output power
Y[0:9]
A2, A1, D1, J1, K3,
A5, A6, D6, J6, K4
38, 39, 3, 11, 14,
34, 33, 29,19, 16
Output
Clock outputs
Y[0:9]
A3, B1, C1, K1, K2,
A4, B6, C6, K6, K5
37, 40, 2, 12, 13,
35, 32, 30, 18,
17
Output
Complimentary clock outputs
Table 2. Function Table
Inputs
Outputs
PLL
AVDD
OE
OS
CK
CK
Y
Y
FBOUT
FBOUT
GND
H
X
L
H
L
H
L
H
Bypassed / OFF
GND
H
X
H
L
H
L
H
L
Bypassed / OFF
GND
L
H
L
H
LZ
LZ
L
H
Bypassed / OFF
GND
L
L
H
L
LZ1
Y7 Active
1. L(Z) means the outputs are disabled to a low state meeting the IODL limit in Table 5.
LZ1
Y7 Active
H
L
Bypassed / OFF
1.8 V Nominal
L
H
L
H
LZ1
LZ1
LH
ON
1.8 V Nominal
L
L
H
L
LZ1
Y7 Active
LZ1
Y7 Active
HL
ON
1.8 V Nominal
H
X
L
H
L
H
L
H
ON
1.8 V Nominal
H
X
H
L
H
L
H
L
ON
1.8 V Nominal
X
X
L
L
LZ1
LZ1
LZ1
LZ1
OFF
X
X
X
H
H
RESERVED
MPC96877
1.8 V PLL 1:10 Differential SDRAM Clock Driver
NETCOM
IDT™ 1.8 V PLL 1:10 Differential SDRAM Clock Driver
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC96877
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com