Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC96877 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC96877
Description  1.8 V PLL 1:10 Differential SDRAM Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC96877 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC96877 Datasheet HTML 1Page - Renesas Technology Corp MPC96877 Datasheet HTML 2Page - Renesas Technology Corp MPC96877 Datasheet HTML 3Page - Renesas Technology Corp MPC96877 Datasheet HTML 4Page - Renesas Technology Corp MPC96877 Datasheet HTML 5Page - Renesas Technology Corp MPC96877 Datasheet HTML 6Page - Renesas Technology Corp MPC96877 Datasheet HTML 7Page - Renesas Technology Corp MPC96877 Datasheet HTML 8Page - Renesas Technology Corp MPC96877 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FREESCALE SEMICONDUCTOR ADVANCED CLOCK DRIVERS DEVICE DATA
547
Freescale Semiconductor, Inc.
TECHNICAL DATA
Order number: MPC96877
Rev 1, 08/2004
Product Preview
1.8 V PLL 1:10 Differential SDRAM
Recommended Applications
•
DDR II Memory Modules
•
Zero Delay Board fan-out
Features
•
1.8 V Phase Lock Loop Clock Driver for (DDR II) Applications
•
Spread Spectrum Clock Compatible
•
Operating Frequency: 100 MHz to 340 MHz
•
1 to 10 differential clock distribution (SSTL_18)
•
52-Ball VF-BGA (FP-MAPBGA 0.65-mm pitch) and 40-Pin MLF (QFN)
•
52-lead Pb-free Package Available
•
External Feedback Pins (FBIN, FBIN) are used to synchronize the Outputs
to the Input Clocks
•
Single-Ended Input and Single-Ended Output Modes
•
Meets or Exceeds JESD82-8 PLL Standard for PC2-3200/4300
•
Auto Power Down detect logic
Switching Characteristics
•
Cycle-to-Cycle Jitter (>165 Mhz): 40 ps max.
•
Output-to-Output Skew: 40 ps max.
Functional Description
The MPC96877 is a high-performance, low-jitter, low-skew, zero-delay buffer
that distributes a differential clock input pair (CK, CK) to ten differential pairs of
clock outputs (Yn, Yn) and to one differential pair of feedback clock outputs
(FBOUT, FBOUT). The clock outputs are controlled by the input clocks (CK,
CK), the feedback clocks (FBIN, FBIN), the LVCMOS control pins (OE, OS),
and the analog power input (AVDD). When OE is low, the clock outputs, except
FBOUT/FBOUT, are disabled while the internal PLL continues to maintain its locked-in frequency. OS (output select) is a program pin
that must be tied to GND or VDD. When OS is high, OE functions as previously described. When OS and OE are both low, OE has
no affect on Y7/Y7, they are free running. When AVDD is grounded, the PLL is turned off and bypassed for test purposes. When both
clock inputs (CK, CK) are logic low, the device enters in a low power mode. An input logic detection circuit on the differential inputs,
independent from input buffers, detects the logic low level and performs in a low power state where all outputs, the feedback, and the
PLL are off. When the clock inputs transition from being logic low to being differential signals, the PLL turns back on, the inputs and
the outputs are enabled, and the PLL obtains phase lock between the feedback clock pair (FBIN, FBIN) and the clock input pair (CK,
CK) within the specified stabilization time.
The MPC96877 is able to track spread spectrum clocking (SSC) for reduced EMI. This device operates from 0
°C to 70°C.
MPC96877
VK SUFFIX
52-BALL FP-MAPBGA PACKAGE
CASE 1544-01
DDR II MEMORY
CLOCK / ZERO DELAY BUFFER
EP SUFFIX
40-PIN MLF/QFN PACKAGE
CASE 1545-01
AVAILABLE ORDERING OPTIONS
TA
52-Ball BGA
40-Pin QFN
0
°C to 70°C
MPC96877VK
(Pb-Free)
MPC96877EP
(Pb-Free)
DATA SHEET
MPC96877
IDT™ 1.8 V PLL 1:10 Differential SDRAM Clock Driver
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC96877
1
1.8 V PLL 1:10 Differential SDRAM
Clock Driver


Similar Part No. - MPC96877

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9600 MOTOROLA-MPC9600 Datasheet
321Kb / 16P
LOW VOLTAGE 2.5 V AND 3.3 V CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
MPC9600AE IDT-MPC9600AE Datasheet
384Kb / 15P
Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
logo
Freescale Semiconductor...
MPC9600FA FREESCALE-MPC9600FA Datasheet
326Kb / 16P
LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
logo
Motorola, Inc
MPC9608 MOTOROLA-MPC9608 Datasheet
423Kb / 12P
1:10 LVCMOS Zero Delay Clock Buffer
logo
Renesas Technology Corp
MPC9608 RENESAS-MPC9608 Datasheet
430Kb / 14P
1:10 LVCMOS Zero Delay Clock Buffer
2019
More results

Similar Description - MPC96877

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CVF857 PERICOM-PI6CVF857 Datasheet
304Kb / 14P
1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A Datasheet
139Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPU877 RENESAS-CSPU877 Datasheet
306Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPU877A RENESAS-CSPU877A Datasheet
298Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPU877D RENESAS-CSPU877D Datasheet
292Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
AUGUST 2004
CSPUA877 RENESAS-CSPUA877 Datasheet
292Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPUA877A RENESAS-CSPUA877A Datasheet
318Kb / 15P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com