Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC96877 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC96877
Description  1.8 V PLL 1:10 Differential SDRAM Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC96877 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC96877 Datasheet HTML 1Page - Renesas Technology Corp MPC96877 Datasheet HTML 2Page - Renesas Technology Corp MPC96877 Datasheet HTML 3Page - Renesas Technology Corp MPC96877 Datasheet HTML 4Page - Renesas Technology Corp MPC96877 Datasheet HTML 5Page - Renesas Technology Corp MPC96877 Datasheet HTML 6Page - Renesas Technology Corp MPC96877 Datasheet HTML 7Page - Renesas Technology Corp MPC96877 Datasheet HTML 8Page - Renesas Technology Corp MPC96877 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MPC96877
548
FREESCALE SEMICONDUCTOR ADVANCED CLOCK DRIVERS DEVICE DATA
Figure 1. MPC96877 Logic Diagram
Y1
Y1
Y0
Y0
Y3
Y3
Y2
Y2
Y5
Y5
Y4
Y4
Y7
Y7
Y6
Y6
Y9
Y9
Y8
Y8
FBOUT
FBOUT
LD*
PLL
LD* OR OE
LD*, OS or OE
PLL bypass
OE
OS
AVDD
CK
CK
10 K–100 K
GND
FBIN
FBIN
* The Logic Detect (LD) powers down the device when a
logic low is applied to both CK and CK.
Powerdown
Control and
Test Logic
MPC96877
1.8 V PLL 1:10 Differential SDRAM Clock Driver
NETCOM
IDT™ 1.8 V PLL 1:10 Differential SDRAM Clock Driver
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC96877
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com