Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9961 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 3Page - STMicroelectronics L9961 Datasheet HTML 4Page - STMicroelectronics L9961 Datasheet HTML 5Page - STMicroelectronics L9961 Datasheet HTML 6Page - STMicroelectronics L9961 Datasheet HTML 7Page - STMicroelectronics L9961 Datasheet HTML 8Page - STMicroelectronics L9961 Datasheet HTML 9Page - STMicroelectronics L9961 Datasheet HTML 10Page - STMicroelectronics L9961 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
2.2
Absolute maximum ratings (AMR)
Maximum ratings are absolute ratings; exceeding any one of these values may cause permanent damage to the
integrated circuit.
All voltages are related to the potential at substrate ground GND.
Table 3. Absolute maximum ratings
Symbol
Min.
Typ.
Max.
Unit
VB
-0.3
40
V
VCP
VB-0.3
VB+20
V
VCP1P
VB-0.3
VB+20
V
VCP2P
VCP1P-0.3
VB+20
V
VCP1M,VCP2M
Max(-0.3; VB-20 V)
VB+0.3
V
C1, C2, C3, C4, C5
-0.3
40
V
C(n)-C(n-1) for n=1 to 5
-0.3
40 (if VB=40 V)
V
VREG
-0.3
4.3
V
NTC
-0.3
VREG + 0.3
V
OD
-0.3
VREG + 0.3
V
SDA, SCL
-0.3
VREG + 0.3
V
FAULTN_SAFE, RDY, FAULTN
-0.3
VREG + 0.3
V
WAKEUP
-0.3
40
V
NSHIP
-0.3
40
V
FUSE
-0.3
40
V
VSC, VSD
-2
40
V
CHG
VSC
Min(VCP; VSC + 20 V)
V
DCHG
VSD
Min (VCP; VSD + 20 V)
V
ISENSEP, ISENSEM
-2
VREG + 0.3
V
GND
0
V
C0
-0.3
6
V
TM_ENTER
-0.3
6
V
TM1
-0.3
40
V
2.3
ESD ratings
Table 4 lists the device ESD ratings.
Table 4. ESD protection
Item
Parameter
Condition
Min.
Max.
Unit
All pins
HBM
Tested per AEC-Q100-002
-2
2
kV
All pins
CDM
Tested per AEC-Q100-011
-500
500
V
All pins
Latch-up
Tested per AEC-Q100-004, Class-2, Level-A
-100
100
mA
L9961
Absolute maximum ratings (AMR)
DS14012 - Rev 3
page 7/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com