| Electronic Components Datasheet Search |
|
L9961 Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9961 Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 65 page ![]() Once L9961 acknowledges the GO2STBY command, it moves to STANDBY state after TGO2STBY. To allow a smooth transition, MCU must move to a low power state (where its average current consumption is less than IVREG_STBY) within TMCU2STBY after sending GO2STBY command to L9961. To avoid inadvertent reactivation, the WAKEUP pin shall be set low before sending the GO2STBY command, and it shall be kept low during the transition to STANDBY. Figure 3. Timing diagram: transition from NORMAL to STANDBY upon GO2STBY command GADG230620221116SA 3.1.3 NORMAL The NORMAL state is recommended when the system is working. All IC functions are active, including voltage/ temperature/current monitoring and protection. Pack relay management and I²C peripheral are also available. L9961 current consumption from VB pin while in NORMAL state varies over time, due to the execution of periodical tasks, balancing activation/deactivation, pre-driver turn on/off events. NORMAL state can be reached: • from STANDBY state, if WAKEUP pin is higher than VWAKEUP_TH for at least TWAKEUP_STBY. Refer to Figure 4 – The wakeup source can be either an external stimulus (pushbutton or other) or the system MCU asserting the WAKEUP pin via GPIO (refer to Figure 1) – Transition from STANDBY to NORMAL must be properly handled, as VREG regulator needs to switch from reduced performance to full power within a defined time window. Such an operation requires TSTBY2NORMAL from the receival of the WAKEUP condition to be accomplished – During TSTBY2NORMAL, VREG can sustain a load current up to IWAKEMAX for a maximum TWAKEMAX time interval, within which the MCU must wakeup L9961 – After TSTBY2NORMAL, the VREG regulator has reached its NORMAL state specification. After TI2C_READY a RDY pulse is generated to mark the transition to NORMAL. This allows the MCU to fully operate in its normal state, respond to watchdog, serve interrupts, and so on. L9961 is capable of decoding I2C commands and receive new configurations – It takes TCP_STARTUP from the receival of WAKEUP condition for the charge pump to be ready. After TCP_STARTUP, L9961 will run monitoring/diagnostic tasks and manage the pre-driver stage – Once L9961 is in NORMAL the MCU is expected to set the WAKEUP pin low to reduce current consumption. L9961 Device funcional states DS14012 - Rev 3 page 10/65 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |