Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EB632 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 39Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 40Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 41Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 42Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 43Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 44Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 45Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 46Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 112 page
background image
CPM
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
43
delineation state machine
— Payload descrambling using self synchronizing scrambler (programmable by the user)
— Coset removing (programmable by the user)
— Filtering idle/unassigned cells (programmable by the user)
— Performing HEC error detection and single bit error correction (programmable by the user)
— Generating loss of cell delineation status/interrupt (LOC / LCD)
•
Serial loop back mode
•
Cell echo mode
•
Supports both FCC transmit modes:
— External rate mode—Idle cells are generated by the FCC (microcode) to control data rate
— Internal rate mode (sub-rate)—FCC transfers only the data cells using the required data rate. The TC layer
generates idle/unassigned cells to maintain the line bit rate
•
Supports the TC layer and PMD (physical medium dependant) WIRE interface (according to the ATM-Forum
af-phy-0063.000)
14.4.2 ATM TC Layer Support
The MSC8103 supports applications that receive ATM traffic over the standard serial protocols like E1, T1, and
xDSL via its serial interface (SIx TDMx and NMSI) ports because the ATM TC-layer functionality is implemented
internally. This allows the use of standard low-cost PHY devices in system applications instead of PHYs that
support UTOPIA bus devices. A typical TC layer application requires the use of one SI TDM channel per TC
block.
As shown in Figure 14, all TC blocks are internally connected to FCC2. In addition, Figure 14 shows FCC1
connected to a UTOPIA 8-bit MPHY bus that can be routed outside and operated independently from the TC block
Figure 14. Serial ATM Interface Using FCC2 and TC blocks (single channel)
FCC2
FCC1
UTOPIA level-2 8-bit bus
DPR
TDMx
FCC3
TC
SIx
UTOPIA level-2 8-bit bus
Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com