Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EB632 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 8Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 9Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 10Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 11Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 12Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 13Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 14Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 15Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
12
Freescale Semiconductor
Boot
Note:
The bootloader supports access to serial EPROMs up to 512 KB with an address specification that is
accessed by 2 bytes.
The bootloader allocates a buffer for the first code block according to the address and size given in the opening 4
words and creates a BD that describes it. After the BD is ready, the bootloader starts reading the code block from
the EPROM. If checksum is enabled, the bootload calculates a checksum on the block word and compares the
calculated checksum to the loaded checksum. If the checksum is correct, the bootloader continues to the next
block. If the checksum fails, the bootloader tries to read the block again. After a second unsuccessful try, the
bootloader aborts.
To skip the checksum comparison, clear the checksum enable bit. If checksum is disabled, the bootloader program
continues loading the next code block after finishing the current one. When all code blocks are loaded, boot
execution starts from the start address given in the end block.
The bootloader program polls the BDs to check when a code block has been received. It does not use interrupts.
The load procedure is described in Figure 3.
Figure 3. Serial Boot Load Procedure
Load from serial EPROM
Configure I2C register and
parameter RAM
Disable software watchdog
Get 4 first words
first 32 bytes = 0?
ok?
Read Block
checksum
Enabled?
enabled?
no
Go to End
Loading
yes
no
Read Block and Calculate
Checksum
checksum
OK?
enabled?
First Error?
ok?
yes
ERROR- Stop boot
no
yes
Prepare next block address
no
Go to End
Loading
Read End block
Start boot execution
Calculate table address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com