Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EB632 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 41Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 42Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 43Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 44Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 45Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 46Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 47Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 48Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 112 page
background image
CPM
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
45
14.4.5 Receive ATM Cell Functions
The ATM receive cell functions block (RCF) performs the receive functions of the TC block. It performs cell
delineation, cell payload descrambling, HEC verification and correction, and idle/unassigned cell filtering.
Cell delineation is the process of framing data to ATM cell boundaries using the header error check (HEC) received
in the ATM cell header. The HEC is a CRC-8 calculation over the first four octets of the ATM cell header. The cell
delineation algorithm assumes that repetitive correct HEC calculations over consecutive cells indicate valid ATM
cell boundaries.
The RCF performs a sequential bit-by-bit hunt for a correct HEC sequence, and the cell delineation state machine
is in HUNT state. When a correct HEC is found, the RCF locks on the particular cell boundary and enters the
PRESYNCH state, which indicates that the previously detected HEC pattern is not a false indication. If a correct
HEC pattern is false, an incorrect HEC is received within the next DELTA cells. If an incorrect cell is detected,
there is a transition to the HUNT state. If an incorrect HEC is not detected in the PRESYNCH state, there is a
transition to the SYNCH state. In the SYNCH state, the TC is assumed to be synchronized so that other functions
can be applied to the received cell. A transition back to the HUNT state is made only after ALPHA consecutive
incorrect HEC patterns are detected.
The cell delineation state machine is shown in Figure 16. The ALPHA and DELTA parameters determine the
robustness of the delineation method. ALPHA determines the robustness against false misalignment due to bit
errors. DELTA determines the robustness against false delineation in the synchronization. Both parameters are
programmable for each TC block and are provided to help tune the system according to the line error
characteristics of a specific application.
The RCF descrambles (programmable) the cell payload using the self-synchronizing descrambler with a
polynomial of x
43 + 1.
The HEC calculation is a CRC-8 calculation over the first four octets of the ATM cell header. The RCF verifies the
received HEC using the accumulation polynomial, x8 + x2 + x + 1. The coset polynomial x6 +x4 + x2 + 1 is added
(modulo 2) to the received HEC octet before comparison with the calculated result (programmable).
Figure 16. TC Cell Delineation State Machine
HUNT
PRESYNCH
SYNCH
DELTA Consecutive
Correct HEC
Correct HEC
Incorrect HEC
ALPHA
Incorrect HEC
Consecutive
Bit-by-Bit
Cell-by-Cell
Cell-by-Cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com