Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9P935 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS9P935
Description  DDR I/DDR II Phase Lock Loop Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P935 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS9P935 Datasheet HTML 6Page - Renesas Technology Corp ICS9P935 Datasheet HTML 7Page - Renesas Technology Corp ICS9P935 Datasheet HTML 8Page - Renesas Technology Corp ICS9P935 Datasheet HTML 9Page - Renesas Technology Corp ICS9P935 Datasheet HTML 10Page - Renesas Technology Corp ICS9P935 Datasheet HTML 11Page - Renesas Technology Corp ICS9P935 Datasheet HTML 12Page - Renesas Technology Corp ICS9P935 Datasheet HTML 13Page - Renesas Technology Corp ICS9P935 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
IDTTM/ICSTM
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS9P935
REV H
12/1/08
ICS9P935
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
12
Ordering Information
ICS9P935yGLF-T
Example:
Designation for tape and reel packaging
RoHS Compliant (Optional)
Package Type
G = TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
ICS XXXX y G LF- T
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
α
0°
8°
0°
8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
28
9.60
9.80
.378
.386
10-0035
SEE VARIATIONS
SEE VARIATIONS
0.65 BASIC
Reference Doc.: JEDEC Publication 95, MO-153
N
SEE VARIATIONS
SEE VARIATIONS
D mm.
D (inch)
4.40 mm. Body, 0.65 mm. Pitch TSSOP
6.40 BASIC
0.252 BASIC
0.0256 BASIC
COMMON DIMENSIONS
In Millimeters
In Inches
COMMON DIMENSIONS
(173 mil)
(25.6 mil)
SYMBOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com