Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BLW98 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLW98
Description  UHF linear power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW98 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLW98 Datasheet HTML 1Page - NXP Semiconductors BLW98 Datasheet HTML 2Page - NXP Semiconductors BLW98 Datasheet HTML 3Page - NXP Semiconductors BLW98 Datasheet HTML 4Page - NXP Semiconductors BLW98 Datasheet HTML 5Page - NXP Semiconductors BLW98 Datasheet HTML 6Page - NXP Semiconductors BLW98 Datasheet HTML 7Page - NXP Semiconductors BLW98 Datasheet HTML 8Page - NXP Semiconductors BLW98 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
August 1986
2
Philips Semiconductors
Product specification
UHF linear power transistor
BLW98
DESCRIPTION
N-P-N silicon planar epitaxial
transistor primarily intended for use in
linear u.h.f. amplifiers of TV
transposers and transmitters in band
IV-V, as well as for driver stages in
tube systems.
FEATURES:
• diffused emitter ballasting resistors
for an optimum temperature profile;
• gold sandwich metallization
ensures excellent reliability.
The transistor has a 1
4" capstan
envelope with ceramic cap. All leads
are isolated from the stud.
QUICK REFERENCE DATA
R.F. performance in linear amplifier
Note
1. Three-tone test method (vision carrier
−8 dB, sound carrier −7 dB, sideband signal −16 dB), zero dB corresponds to
peak sync level.
MODE OF OPERATION
fvision
MHz
VCE
V
IC
mA
Th
°C
dim(1)
dB
Po sync (1)
W
Gp
dB
class-A
860
25
850
70
−60
>
3,5
>
6,5
class-A
860
25
850
25
−60
typ.
4,4
typ.
7,0
PIN CONFIGURATION
Fig.1 Simplified outline. SOT122A.
handbook, halfpage
Top view
MBK187
3
1
2
4
PINNING - SOT122A.
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
PRODUCT SAFETY This device incorporates beryllium oxide, the dust of which is toxic. The device is entirely
safe provided that the BeO disc is not damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com