Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6524 Datasheet(PDF) 65 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 61Page - STMicroelectronics VL6524 Datasheet HTML 62Page - STMicroelectronics VL6524 Datasheet HTML 63Page - STMicroelectronics VL6524 Datasheet HTML 64Page - STMicroelectronics VL6524 Datasheet HTML 65Page - STMicroelectronics VL6524 Datasheet HTML 66Page - STMicroelectronics VL6524 Datasheet HTML 67Page - STMicroelectronics VL6524 Datasheet HTML 68Page - STMicroelectronics VL6524 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
VL6524/VS6524
Package outline
65/70
Figure 37.
VS6524Q06J socket assembly outline drawing for information only
TOP VIEW
BOTTOM VIEW
Socket:ALPS P/N:SCKA2A0100
Socket Cover:ALPS P/N:JSCKA0002A
Note:# Image direction register use default settings.
Basic Tolerance ±0.10mm
A-A SECTION
Camera
Protection
PCB
Socket
Cover
Socket
CMOS
Sensor
Holder
Lens
3.85
3.45
5.20±0.30
4.35±0.15
3.35
7.40
6.20
A
A
1.75
3
4
4
IR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com