Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6524 Datasheet(PDF) 18 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 14Page - STMicroelectronics VL6524 Datasheet HTML 15Page - STMicroelectronics VL6524 Datasheet HTML 16Page - STMicroelectronics VL6524 Datasheet HTML 17Page - STMicroelectronics VL6524 Datasheet HTML 18Page - STMicroelectronics VL6524 Datasheet HTML 19Page - STMicroelectronics VL6524 Datasheet HTML 20Page - STMicroelectronics VL6524 Datasheet HTML 21Page - STMicroelectronics VL6524 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
Output frame size control
VL6524/VS6524
18/70
6
Output frame size control
6.1
Frame format
An output frame consists of a number of active lines and a number of interframe lines. Each
line consists of embedded line codes (if selected), active pixel data and interline blank data.
Note that by default the interline blanking data is
not qualified by the PCLK and therefore is
not captured by the host system.
The default 30fps VGA output frame is shown in
Figure 5.
Figure 5.
VGA 30fps output frame
If embedded codes are enabled then 8 additional clocks are required in every line to qualify
the codes and 8 fewer interline clock are output leaving the total constant at 1460 clocks per
line.
By default the PCLK output does not qualify the line blanking data and so each line contains
only 1280 clocks (or 1288 if embedded codes are enabled).
The values which are output during line and frame blanking are an alternating pattern of
0x10 and 0x80 by default. These values can be changed by writing to the BlankData_MSB
and BlankData_LSB registers in the
Output formatter control bank.
6.1.1
Cropping module
The VL6524/VS6524 contains a cropping module which can be used to define a window of
interest within the full VGA array size. The user can set a start location and the required
output size.
Figure 6 shows the example with pipe setup bank0.
16 interframe blanking lines(0x10/0x80)
480 lines ACTIVE VIDEO
Line blanking
(0x10/0x80)
1460 PCLKs
37 interframe blanking lines (0x10/0x80)
1280 PCLKs
(640 by 480 pixels)
553 lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com