Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6524 Datasheet(PDF) 42 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 38Page - STMicroelectronics VL6524 Datasheet HTML 39Page - STMicroelectronics VL6524 Datasheet HTML 40Page - STMicroelectronics VL6524 Datasheet HTML 41Page - STMicroelectronics VL6524 Datasheet HTML 42Page - STMicroelectronics VL6524 Datasheet HTML 43Page - STMicroelectronics VL6524 Datasheet HTML 44Page - STMicroelectronics VL6524 Datasheet HTML 45Page - STMicroelectronics VL6524 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
Register map
VL6524/VS6524
42/70
11
Register map
The VL6524/VS6524 I²C write address is 0x20.
All I²C locations contain an 8-bit byte. However, certain parameters require 16 bits to
represent them and are therefore stored in more than 1 location.
Note:
For all 16 bit parameters the MSB register must be written before the LSB register.
The data stored in each location can be interpreted in different ways as shown below.
Register contents represent different data types as described in
Table 6.
Float number format
Float 900 is used in ST co-processors to represent floating point numbers in 2 bytes of data.
It conforms to the following structure:
Bit[15] = Sign bit (1 represents negative)
Bit[14:9] = 6 bits of exponent, biased at decimal 31
Bit[8:0] = 9 bits of mantissa
To convert a floating point number to Float 900, use the following procedure:
●
represent the number as a binary floating point number. Normalize the mantissa and
calculate the exponent to give a binary scientific representation of 1.xxxxxxxxx * 2^y.
●
The x symbols should represent 9 binary digits of the mantissa, round or pad with zeros
to achieve 9 digits in total. Remove the leading 1 from the mantissa as it is redundant.
●
To calculate the y value Bias the exponent by adding to 31 decimal then converting to
binary.
●
The data can then be placed in the structure above.
Table 6.
Data type
Data Type
Description
I
Integer parameter.
M
Multiple field registers - 16 bit parameter
B
Bit field register - individual bits must be set/cleared
C
Coded register - function depends on value written
F
Float Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com