Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EV-2 Datasheet(PDF) 9 Page - Cirrus Logic

Part # EV-2
Description  Digital Audio Networking Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EV-2 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button EV-2 Datasheet HTML 5Page - Cirrus Logic EV-2 Datasheet HTML 6Page - Cirrus Logic EV-2 Datasheet HTML 7Page - Cirrus Logic EV-2 Datasheet HTML 8Page - Cirrus Logic EV-2 Datasheet HTML 9Page - Cirrus Logic EV-2 Datasheet HTML 10Page - Cirrus Logic EV-2 Datasheet HTML 11Page - Cirrus Logic EV-2 Datasheet HTML 12Page - Cirrus Logic EV-2 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
CobraNet™ EV-2
9
Rev. 2.1
SW200
Programming switch: The EV-2 microcontroller can be programmed via its serial port,
connector P501. The supplied software can be used to perform field updates to the board's
code and firmware. This programming capability is initially disabled, but can be enabled by
setting the hex switches to FFF8H and then clicking on the "Hex Switches" display (see
Figure 6 ). For more information about the programming mode, please refer to the
Programming the Microcontroller section.
SW201-SW204
Hex switches: SW201-SW204 may be used to uniquely identify the unit on a network. Valid
settings fall within the range 0000-FFEF (values FFF0-FFFF are reserved). Changing these
values updates the value of the CobraNet module's SNMP variable, sysName, to the current
hex switch value. Through SNMP, the user may query this variable. The SNMP response is of
the form "PEAK_AUDIO_EVAL-SWwxyz", where the wxyz represents the hex values of the
switches in ASCII format.
SW500
System reset switch: This momentary switch resets the EV-2 and attached CM, and initiates
calibration operations for the analog-to-digital converter (ADC) and digital-to-analog
converter (DAC).
Software
The EV-2 is supplied with the CNEval.exe application, which may be used to setup audio routes
on the EV-2 (this should not be confused with routing audio over the CobraNet network). The
EV-2 has seven sources of audio input, with each source consisting of a stereo pair of audio
channels. The sources are:
Four Synchronous Serial Interface (SSI) audio streams from the CM
An AES3 audio input stream.
One audio stream from the ADC (Rev. D boards had two audio streams from the ADC)
A sine wave generator, a stream of two identical 24-bit resolution sine waves.
Using CNEval.exe, the user can route any of these seven source streams to any of the six output
streams. The available output streams are:
The four SSI audio streams going to the CM
One going to the DAC
One to the AES3 transmitter.
CNEval.exe communicates with the EV-2 via an RS-232 serial connection. CNEval.exe can
communicate using either COM1 or COM2 of the PC on which it is running. The connection from
computer to EV-2 must be made as follows:
Connect a straight-through, male-to-female, 9-pin RS232 cable to EV-2 connector P501.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com